Electronic Components Datasheet Search
  English  ▼

X  

LPC2917 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 9Page - NXP Semiconductors LPC2917 Datasheet HTML 10Page - NXP Semiconductors LPC2917 Datasheet HTML 11Page - NXP Semiconductors LPC2917 Datasheet HTML 12Page - NXP Semiconductors LPC2917 Datasheet HTML 13Page - NXP Semiconductors LPC2917 Datasheet HTML 14Page - NXP Semiconductors LPC2917 Datasheet HTML 15Page - NXP Semiconductors LPC2917 Datasheet HTML 16Page - NXP Semiconductors LPC2917 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
LPC2917_19_01_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 December 2009
13 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
THUMB code can provide up to 65 % of the code size of ARM, and 160 % of the
performance of an equivalent ARM controller connected to a 16-bit memory system.
The ARM968E-S processor is described in detail in the ARM968E-S data sheet Ref. 2.
6.3 On-chip flash memory system
The LPC2917/2919/01 includes a 512 kB or 768 kB flash memory system. This memory
can be used for both code and data storage. Programming of the flash memory can be
accomplished via the flash memory controller or JTAG.
The flash controller also supports a 16 kB, byte-accessible on-chip EEPROM integrated
on the LPC2917/2919/01.
6.4 On-chip static RAM
In addition to the two 16 kB TCMs the LPC2917/2919/01 includes two static RAM
memories: one of 32 kB and one of 16 kB. Both may be used for code and/or data
storage.
In addition, 8 kB SRAM for the ETB can be used as static memory for code and data
storage. However, DMA access to this memory region is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com