Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02 Datasheet(PDF) 35 Page - Texas Instruments

Part # TLC320AC02
Description  Single-Supply Analog Interface Circuit
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AC02 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC320AC02 Datasheet HTML 31Page - Texas Instruments TLC320AC02 Datasheet HTML 32Page - Texas Instruments TLC320AC02 Datasheet HTML 33Page - Texas Instruments TLC320AC02 Datasheet HTML 34Page - Texas Instruments TLC320AC02 Datasheet HTML 35Page - Texas Instruments TLC320AC02 Datasheet HTML 36Page - Texas Instruments TLC320AC02 Datasheet HTML 37Page - Texas Instruments TLC320AC02 Datasheet HTML 38Page - Texas Instruments TLC320AC02 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
2–21
The default value of the A-register data is decimal 18 as shown below.
DS07 DS06 DS05 DS04 DS03 DS02 DS01 DS00
0
01
01
00
0
2.20.3
Register 2 (B Register)
The following command loads DS07 (MSB) – DS00 into the B register.
DS15 DS14 DS13 DS12 DS11 DS10 DS09 DS08 DS07 DS06 DS05 DS04 DS03 DS02 DS01 DS00
R/W
01
00
0
Register Data
Control Bits
The data in DS07 – DS00 controls the division of FCLK to generate the conversion clock as given in
equation 20:
Conversion frequency
+ FCLK (B register contents)
+
MCLK
2
A register contents
B register contents
(20)
The default value of the B-register data is decimal 18 as shown below.
DS07 DS06 DS05 DS04 DS03 DS02 DS01 DS00
0
01
01
00
0
2.20.4
Register 3 (A
′ Register)
The following command contains the A
′-register address and loads DS07(MSB) – DS00 into the A′ register.
DS15 DS14 DS13 DS12 DS11 DS10 DS09 DS08 DS07 DS06 DS05 DS04 DS03 DS02 DS01 DS00
R/W
01
01
0
Register Data
Control Bits
The data in DS07 – DS00 is in 2s-complement format and controls the number of master-clock periods that
the sampling time is shifted.
The default value of the A
′-register data is 0 as shown below.
DS07
DS06 DS05 DS04 DS03 DS02 DS01 DS00
0
00
00
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com