Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02 Datasheet(PDF) 74 Page - Texas Instruments

Part # TLC320AC02
Description  Single-Supply Analog Interface Circuit
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AC02 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TLC320AC02 Datasheet HTML 70Page - Texas Instruments TLC320AC02 Datasheet HTML 71Page - Texas Instruments TLC320AC02 Datasheet HTML 72Page - Texas Instruments TLC320AC02 Datasheet HTML 73Page - Texas Instruments TLC320AC02 Datasheet HTML 74Page - Texas Instruments TLC320AC02 Datasheet HTML 75Page - Texas Instruments TLC320AC02 Datasheet HTML 76Page - Texas Instruments TLC320AC02 Datasheet HTML 77Page - Texas Instruments TLC320AC02 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
C–2
DAC Channel Signal-to-Distortion Ratio, VDD = 5 V, fs = 8 kHz (Unless
Otherwise Noted) (see Note 2)
PARAMETER
TEST CONDITIONS
AV = 0 dB
AV = – 6 dB
AV = – 12 dB
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
TLC320AC01
VO = 6 dB to 0 dB
68
—
—
TLC320AC02
VO = – 6 dB to 0 dB
64
—
—
TLC320AC01
VO = 12dBto 6 dB
63
68
—
TLC320AC02
VO = – 12 dB to – 6 dB
59
64
—
TLC320AC01
VO = 18dBto 12dB
57
63
68
TLC320AC02
VO = – 18 dB to – 12 dB
56
59
64
TLC320AC01
VO = 24dBto 18dB
51
57
63
TLC320AC02
VO = – 24 dB to – 18 dB
50
56
59
dB
TLC320AC01
VO = 30dBto 24dB
45
51
57
dB
TLC320AC02
VO = – 30 dB to – 24 dB
44
50
56
TLC320AC01
VO = 36dBto 30dB
39
45
51
TLC320AC02
VO = – 36 dB to – 30 dB
38
44
50
TLC320AC01
VO = 42dBto 36dB
33
39
45
TLC320AC02
VO = – 42 dB to – 36 dB
32
38
44
TLC320AC01
VO = – 48 dB to – 42 dB
27
33
39
TLC320AC02
VO = – 48 dB to – 42 dB
26
32
38
NOTE 2: The input signal, VI, is the digital equivalent of a 1020-Hz sine wave (full-scale analog output at full-scale digital
input = 0 dB). The nominal differential DAC channel output with this input condition is 6 V peak to peak. The
load impedance for the DAC output buffer is 600
Ω from OUT+ to OUT–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com