Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV809
Description  TLV809 3-Pin Supply Voltage Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV809 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments TLV809 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
7.5 Electrical Characteristics
at TA = –40°C to +85°C (unless otherwise noted); typical values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VDD = 2.5 V to 6 V, IOH = –500 µA
VDD – 0.2
V
VDD = 3.3 V, IOH = –2 mA
VDD – 0.4
VDD = 6 V, IOH = –4 mA
VDD – 0.4
VOL
Low-level output voltage
VDD = 2 V to 6 V, IOH = 500 µA
0.3
V
VDD = 3.3 V, IOH = 2 mA
0.4
VDD = 6 V, IOH = 4 mA
0.4
Power-up reset voltage(1)
VDD ≥ 1.1 V, IOL = 50 µA
0.2
V
VIT–
Negative-going input
threshold voltage(2)
TLV809J25
TA = –40°C to +85°C
2.20
2.25
2.30
V
TLV809L30
2.58
2.64
2.70
TLV809K33
2.87
2.93
2.99
TLV809I50
4.45
4.55
4.65
Vhys
Hysteresis
TLV809J25
30
mV
TLV809L30
35
TLV809K33
40
TLV809I50
60
IDD
Supply current
VDD = 2 V, RESET is unconnected
9
12
µA
VDD = 6 V, RESET is unconnected
20
25
CI
Input capacitance
VI = 0 V to VDD
5
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 ms/V.
(2)
To ensure best stability of the threshold voltage, place a bypass capacitor ( 0.1-µF ceramic) near the supply pins.
7.6 Timing Requirements
at TA = 25°C, RL = 1 MΩ, and CL = 50 pF
MIN
NOM
MAX
UNIT
tw
Pulse duration at VDD
VDD = VIT– + 0.2 V, VDD = VIT– – 0.2 V
10
µs
7.7 Switching Characteristics
at TA = 25°C, RL = 1 MΩ, and CL = 50 pF
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
td
Delay time
VDD ≥ VIT– + 0.2 V; see Figure 7-1
120
200
280
ms
tPHL
Propagation (delay) time,
high-to-low-level output
VDD to RESET delay
VIL = VIT– – 0.2 V, VIH = VIT– + 0.2 V
10
µs
TLV809
SLVSA03F – JUNE 2010 – REVISED DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com