Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV809
Description  TLV809 3-Pin Supply Voltage Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV809 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments TLV809 Datasheet HTML 10Page - Texas Instruments TLV809 Datasheet HTML 11Page - Texas Instruments TLV809 Datasheet HTML 12Page - Texas Instruments TLV809 Datasheet HTML 13Page - Texas Instruments TLV809 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 VDD Transient Rejection
The device has built-in rejection of fast transients on the VDD pin. The rejection of transients depends on both the
duration and the amplitude of the transient. The amplitude of the transient is measured from the bottom of the
transient to the negative threshold voltage of the device, as shown in Figure 9-1.
V
DD
Transient
Amplitude
Duration
V
IT-
tw
Figure 9-1. Voltage Transient Measurement
The device does not respond to transients that are fast duration and low amplitude or long duration and small
amplitude. Transients meeting or longer than the tw specified in the Section 7.6 section triggers a reset.
9.1.2 Reset During Power-Up and Power-Down
The device output is valid when VDD is greater than 1.1 V. When VDD is less than 1.1 V, the output transistor
turns off and becomes high impedance. The voltage on the RESET pin rises to the voltage level connected to
the pullup resistor. Figure 9-2 shows a typical waveform for power-up.
RESET
V
DD
t
d
V
+V
IT
HYS
-
1.1V
ValidOutput
Figure 9-2. Power-Up Response
TLV809
SLVSA03F – JUNE 2010 – REVISED DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com