Electronic Components Datasheet Search
  English  ▼

X  

TMP300BIDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP300BIDBVT
Description  TMP300 1.8-V, Resistor-Programmable Temperature Switch and Analog Out Temperature Sensor in SC70
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP300BIDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP300BIDBVT Datasheet HTML 2Page - Texas Instruments TMP300BIDBVT Datasheet HTML 3Page - Texas Instruments TMP300BIDBVT Datasheet HTML 4Page - Texas Instruments TMP300BIDBVT Datasheet HTML 5Page - Texas Instruments TMP300BIDBVT Datasheet HTML 6Page - Texas Instruments TMP300BIDBVT Datasheet HTML 7Page - Texas Instruments TMP300BIDBVT Datasheet HTML 8Page - Texas Instruments TMP300BIDBVT Datasheet HTML 9Page - Texas Instruments TMP300BIDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6.4 Typical Characteristics
At VS = 5 V, unless otherwise noted.
-40 -25
0
95
85
45
25
50
75
100
125
Temperature( C)
°
75
55
65
V =18V
S
V =3.3V
S
V =1.8V
S
Figure 6-1. Quiescent Current Over Temperature
and Supply
-40 -25
0
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
25
50
75
100
125
Temperature( C)
°
T
+1%
ERROR
T
ERROR - 1%
T
+0.1%
ERROR
T
ERROR - 0.1%
Figure 6-2. RSET Shift Resulting From RSET
Tolerance
-40 -25
0
700
600
500
400
300
200
100
0
25
50
75
100
125
Temperature(°C)
Figure 6-3. RSET vs Temperature
-40 -25
0
4.0
-4.0
25
50
75
100
125
Temperature( C)
°
2.0
-1.0
1.0
0
-2.0
-3.0
3.0
Figure 6-4. Typical Trip Error
-40 -25
0
3.0
2.0
-3.0
25
50
75
100
125
Temperature( C)
°
1.5
-2.0
1.0
-2.5
2.5
0.5
0
-0.5
-1.0
-1.5
Figure 6-5. Typical Analog Output Error
-40 -25
0
0.10
0.08
-0.02
0
-0.04
-0.06
-0.08
-0.10
25
50
75
100
125
Temperature(°C)
0.06
0.04
0.02
T
is+85 CforV
°
MAX
S =1.8Vto3.3V
3.3Vto18V
Figure 6-6. Analog PSR Over Temperature
TMP300
SBOS335F – JUNE 2005 – REVISED JANUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com