Electronic Components Datasheet Search
  English  ▼

X  

TMP300BIDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP300BIDBVT
Description  TMP300 1.8-V, Resistor-Programmable Temperature Switch and Analog Out Temperature Sensor in SC70
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP300BIDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TMP300BIDBVT Datasheet HTML 1Page - Texas Instruments TMP300BIDBVT Datasheet HTML 2Page - Texas Instruments TMP300BIDBVT Datasheet HTML 3Page - Texas Instruments TMP300BIDBVT Datasheet HTML 4Page - Texas Instruments TMP300BIDBVT Datasheet HTML 5Page - Texas Instruments TMP300BIDBVT Datasheet HTML 6Page - Texas Instruments TMP300BIDBVT Datasheet HTML 7Page - Texas Instruments TMP300BIDBVT Datasheet HTML 8Page - Texas Instruments TMP300BIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TMP300 1.8-V, Resistor-Programmable Temperature Switch and
Analog Out Temperature Sensor in SC70
1 Features
• Accuracy: ±1°C (typical at +25°C)
• Programmable trip point
• Programmable hysteresis: 5°C/10°C
• Open-drain outputs
• Low power: 110 μA (maximum)
• Wide voltage range: +1.8 V to +18 V
• Temperature range: –40°C to +125°C
• Analog out: 10mV/°C
• SC70-6 and SOT23-6 packages
2 Applications
• Power-supply systems
• DC-DC modules
• Thermal monitoring
• Electronic protection systems
3 Description
The TMP300 is a low-power, resistor-programmable,
digital output temperature switch. The device allows
a threshold point to be set by adding an external
resistor. Two levels of hysteresis are available. The
TMP300 has a VTEMP analog output that can be used
as a testing point or in temperature-compensation
loops.
Available in two micropackages with proven thermal
characteristics, low current consumption, and a supply
voltage as low as 1.8 V, the TMP300 is designed
for power-sensitive systems that require simple and
reliable thermal management.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP300
SOT-23 (6)
2.90 mm × 1.60 mm
SC70 (6)
2.00 mm × 1.25 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
1
T
SET
6
V+
2
GND
5
V
TEMP
3
OUT
4
HYST
SET
Not to scale
Pinout
R
PULL-UP
210kW
(1)
R
SET
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
to T
A
NOTE: Thinfilm resistor with approximately 10% accuracy;
however, this accuracy error is trimmed out at the factory.
Application Schematic
TMP300
SBOS335F – JUNE 2005 – REVISED JANUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP300BIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300BIDBVT TI1-TMP300BIDBVT Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVT TI1-TMP300BIDBVT Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
More results

Similar Description - TMP300BIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com