Electronic Components Datasheet Search
  English  ▼

X  

TMP300BIDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP300BIDBVT
Description  TMP300 1.8-V, Resistor-Programmable Temperature Switch and Analog Out Temperature Sensor in SC70
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP300BIDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP300BIDBVT Datasheet HTML 5Page - Texas Instruments TMP300BIDBVT Datasheet HTML 6Page - Texas Instruments TMP300BIDBVT Datasheet HTML 7Page - Texas Instruments TMP300BIDBVT Datasheet HTML 8Page - Texas Instruments TMP300BIDBVT Datasheet HTML 9Page - Texas Instruments TMP300BIDBVT Datasheet HTML 10Page - Texas Instruments TMP300BIDBVT Datasheet HTML 11Page - Texas Instruments TMP300BIDBVT Datasheet HTML 12Page - Texas Instruments TMP300BIDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
7.2.3 Analog Temperature Output
The analog out or VTEMP pin is high-impedance (210 kΩ). Avoid loading this pin to prevent degrading the analog
out value or trip point. Buffer the output of this pin when used for direct thermal measurement. Figure 7-2 shows
buffering of the analog output signal.
210kW
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
toT
A
AnalogOut
OPA335
Figure 7-2. Buffering the Analog Output Signal
7.2.4 Using a DAC to Set the Trip Point
The trip point is easily converted by changing the digital-to-analog converter (DAC) code. This technique can be
useful for control loops where a large thermal mass is being brought up to the set temperature and the OUT pin
is used to control the heating element. The analog output can be monitored in a control algorithm that adjusts
the set temperature to prevent overshoot. Figure 7-3 shows the trip set voltage error versus temperature, which
shows error in °C of the comparator input over temperature. Figure 7-4 shows an alternative method of setting
the trip point by using a DAC.
-50
-25
0
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
25
50
75
100
125
Temperature( C)
°
Figure 7-3. Trip Set Voltage Error vs Temperature
www.ti.com
TMP300
SBOS335F – JUNE 2005 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMP300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com