Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP390
Description  TMP390-Q1 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 4 Page - Texas Instruments

  TMP390 Datasheet HTML 1Page - Texas Instruments TMP390 Datasheet HTML 2Page - Texas Instruments TMP390 Datasheet HTML 3Page - Texas Instruments TMP390 Datasheet HTML 4Page - Texas Instruments TMP390 Datasheet HTML 5Page - Texas Instruments TMP390 Datasheet HTML 6Page - Texas Instruments TMP390 Datasheet HTML 7Page - Texas Instruments TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
6
V
Voltage at
OUTA, OUTB
-0.3
6
V
Voltage at
SETA, SETB
–0.3
VDD + 0.3
V
Junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–60
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Powering the device when the operating junction temperature is outside the Recommended Operating Conditions, may affect the
functional operation of the device. The device must be power cycled after the system has returned to conditions as indicated under
Recommended Operating Conditions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
HBM ESD Classification Level 2
±2000
V
Charged-device model (CDM), per AEC Q100-011
CDM ESD Classification Level C4A
±500
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
1.62
3.3
5.5
V
VOUTA
Channel A output pull-up voltage (open-drain)
VDD + 0.3
V
VOUTB
Channel B output pull-up voltage (open-drain)
VDD + 0.3
V
ISETA
SETA pin circuit leakage current
-20
20
nA
ISETB
SETB pin circuit leakage current
-20
20
nA
RPA
Pullup resistor connected from OUTA to VDDIO(1)
1
10
kΩ
RPB
Pullup resistor connected from OUTB to VDDIO(1)
TA
Operating free-air temperature (specified performance)
–40
125
°C
Operating free-air temperature (extended performance)
–55
130
°C
(1)
Where VDDIO is an independent power supply other than VDD, and shall not exceed (VDD + 0.3) V.
6.4 Thermal Information
THERMAL METRIC(1)
TMP390-Q1
UNIT
DRL (SOT)
6 PINS
RθJA
Junction-to-ambient thermal resistance
210.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
105
°C/W
RθJB
Junction-to-board thermal resistance
87.5
°C/W
ψJT
Junction-to-top characterization parameter
6.1
°C/W
ψJB
Junction-to-board characterization parameter
87
°C/W
MT
Thermal Mass
1.83
mJ/°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor IC Package Thermal Metrics application
report, (SPRA953).
TMP390-Q1
SNIS218B – SEPTEMBER 2019 – REVISED JUNE 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP390-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com