Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP390
Description  TMP390-Q1 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 9Page - Texas Instruments TMP390 Datasheet HTML 10Page - Texas Instruments TMP390 Datasheet HTML 11Page - Texas Instruments TMP390 Datasheet HTML 12Page - Texas Instruments TMP390 Datasheet HTML 13Page - Texas Instruments TMP390 Datasheet HTML 14Page - Texas Instruments TMP390 Datasheet HTML 15Page - Texas Instruments TMP390 Datasheet HTML 16Page - Texas Instruments TMP390 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
8.2.2 TMP390-Q1 With 10°C Hysteresis
Figure 8-3 shows an example circuit for overtemperature and undertemperature protection using the TMP390-
Q1. In this example, the trip points are set at –25°C and +90°C with 10°C hysteresis.
TMP390-Q1
VDD
SETA
SETB
OUTA
OUTB
GND
Microprocessor
VCC
GND
78.7 kŸ
215 kŸ
10 kŸ
10 kŸ
0.1 µF
3.3 V
VDD = 3.0 V
Channel A Trip Temp = +90°C
and Hysteresis = 10°C
Channel B Trip Temp = ±25°C
and Hysteresis = 10°C
Figure 8-3. TMP390-Q1 Example Circuit at +90°C and –25°C Thresholds With 10°C Hysteresis
8.2.2.1 Design Requirements
In this example, VDD can be ≥ 3 V. The output pins may be tied to a switch to control a fan or other analog
circuitry. This example uses 10-kΩ pullup resistors at the OUTA and OUTB outputs. Place a 0.1-µF bypass
capacitor close to the TMP390-Q1 device to reduce noise coupled from the power supply. If needed, the output
of multiple parts can be connected together.
8.2.2.2 Detailed Design Procedure
SETA sets the +90°C threshold using 78.7 kΩ. SETB sets the –25°C trip point and 10°C hysteresis using 215
kΩ. These values were determined using Table 7-1 and Table 7-2. These resistors should have maximum of
1% tolerance and 100 ppm/°C or less over the desired temperature range. A summary of the resistor settings
used in this example is shown in Table 8-1. See Table 7-1 and Table 7-2 for additional trip points and hysteresis
configurations.
The switching output of the TMP390-Q1 can be visualized with the output diagram shown in Figure 8-4. It is
key to notice that hysteresis is subtracted from the Channel A threshold and added to the Channel B threshold
values. OUTA remains high until the sensor reaches +90°C where the output goes low, and returns high after the
temperature drops back down to +80°C. OUTB trips when the temperature stays below –25°C and goes low until
the temperature rises above –15°C.
Table 8-1. Example Resistor Settings and Trip Points
CHANNEL
RESISTOR SETTING (kΩ)
HYSTERESIS (°C)
TRIP TEMPERATURE (°C)
SETA
78.7
10
+90
SETB
215
–25
www.ti.com
TMP390-Q1
SNIS218B – SEPTEMBER 2019 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP390-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com