Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP390
Description  TMP390-Q1 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments TMP390 Datasheet HTML 10Page - Texas Instruments TMP390 Datasheet HTML 11Page - Texas Instruments TMP390 Datasheet HTML 12Page - Texas Instruments TMP390 Datasheet HTML 13Page - Texas Instruments TMP390 Datasheet HTML 14Page - Texas Instruments TMP390 Datasheet HTML 15Page - Texas Instruments TMP390 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
measurements match. When the measurements match, the channel output is released. Note that it is possible to
connect some device outputs together by shorting the OUTA or OUTB line.
8.2.1.2 Detailed Design Procedure
The resistor to ground values on the SETA input sets the TTRIP threshold of Channel A. The resistor to ground
value on the SETB input sets the TTRIP threshold of Channel B as well as the THYST 5°C and 10°C options.
TI recommends that the resistors at SETA and SETB have a 1% tolerance at room temperature. Each resistor
can range from 1.05 KΩ to 909 KΩ, representing one of 48 unique values. The exact temperature thresholds
and trip points are shown in Table 7-1 and Table 7-2. The pullup resistors should be at least 1 kΩ to minimize
internal power dissipation. To get the correct threshold for resistor values, take care to minimize the board level
capacitance and leakage at the SETA and SETB pins.
The waveform for the TMP390-Q1 output under the hot/cold thresholds is shown in Figure 8-2. The hysteresis
can be set to 5°C, 10°C or 20°C. When the temperature exceeds the hot trip point threshold, OUTA goes low
until the temperature drops below the hysteresis threshold. When the temperature drops below the cold trip
threshold, OUTB goes low and returns high after the temperature rises above the hysteresis threshold. If the
switch has already tripped and the temperature is in the hysteresis band, a POR event will cause the output to
go high after the power is restored.
8.2.1.3 Application Curves
Time (s)
Time (s)
OUTA
OUTB
Hysteresis
5°C, or 10°C
Hot threshold
Cold threshold
(Channel A)
(Channel B)
Figure 8-2. TMP390-Q1 Output With Hot/Cold Thresholds With Hysteresis
TMP390-Q1
SNIS218B – SEPTEMBER 2019 – REVISED JUNE 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP390-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com