Electronic Components Datasheet Search
  English  ▼

X  

TMP302 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP302
Description  TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302 Datasheet(HTML) 3 Page - Texas Instruments

  TMP302 Datasheet HTML 1Page - Texas Instruments TMP302 Datasheet HTML 2Page - Texas Instruments TMP302 Datasheet HTML 3Page - Texas Instruments TMP302 Datasheet HTML 4Page - Texas Instruments TMP302 Datasheet HTML 5Page - Texas Instruments TMP302 Datasheet HTML 6Page - Texas Instruments TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
TRIPSET0
6
TRIPSET1
2
GND
5
VS
3
OUT
4
HYSTSET
3
TMP302-Q1
www.ti.com
SLOS889C – OCTOBER 2014 – REVISED SEPTEMBER 2018
Product Folder Links: TMP302-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
For other available trip points, please contact a TI representative.
5 Device Comparison Table
DEVICE
SELECTABLE TRIP POINTS (°C)(1)
TMP302A-Q1
50, 55, 60, 65
TMP302B-Q1
70, 75, 80, 85
TMP302C-Q1
90, 95, 100, 105
TMP302D-Q1
110, 115, 120, 125
6 Pin Configuration and Functions
DRL Package
6-Pin SOT563
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
TRIPSET0
Digital Input
Used in combination with TRIPSET1 to select the temperature at which the device trips
2
GND
Ground
Ground
3
OUT
Digital Output Open drain, active-low output
4
HYSTSET
Digital Input
Used to set amount of thermal hysteresis
5
VS
Power
Supply
Power supply
6
TRIPSET1
Digital Input
Used in combination with TRIPSET0 to select the temperature at which the device trips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com