Electronic Components Datasheet Search
  English  ▼

X  

TMP302 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP302
Description  TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP302 Datasheet HTML 3Page - Texas Instruments TMP302 Datasheet HTML 4Page - Texas Instruments TMP302 Datasheet HTML 5Page - Texas Instruments TMP302 Datasheet HTML 6Page - Texas Instruments TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments TMP302 Datasheet HTML 10Page - Texas Instruments TMP302 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TRIPSET0
Temperature
Threshold and
Hysteresis
Temperature
Sensor
Comparator
Alert
Bias
TRIPSET1
GROUND
OUT
VS
HYSTSET
7
TMP302-Q1
www.ti.com
SLOS889C – OCTOBER 2014 – REVISED SEPTEMBER 2018
Product Folder Links: TMP302-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMP302-Q1 temperature switch is optimal for ultra low-power applications that require accurate trip
thresholds. A temperature switch is a device that issues an alert response when a temperature threshold is
reached or exceeded. The trip thresholds are programmable to four different settings using the TRIPSET1 and
TRIPSET0 pins. Table 1 lists the pin settings versus trip points.
Table 1. Trip Point versus TRIPSET1 and TRIPSET0
TRIPSET1
TRIPSET0
TMP302A-Q1
TMP302B-Q1
TMP302C-Q1
TMP302D-Q1
GND
GND
50°C
70°C
90°C
110°C
GND
VS
55°C
75°C
95°C
115°C
VS
GND
60°C
80°C
100°C
120°C
VS
VS
65°C
85°C
105°C
125°C
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com