Electronic Components Datasheet Search
  English  ▼

X  

TMP302 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP302
Description  TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP302 Datasheet HTML 4Page - Texas Instruments TMP302 Datasheet HTML 5Page - Texas Instruments TMP302 Datasheet HTML 6Page - Texas Instruments TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments TMP302 Datasheet HTML 10Page - Texas Instruments TMP302 Datasheet HTML 11Page - Texas Instruments TMP302 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OUT
50°C
60°C
T
(TRIP)
V
S
8
TMP302-Q1
SLOS889C – OCTOBER 2014 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: TMP302-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 HYSTSET
If the temperature trip threshold is crossed, the open-drain, active low output (OUT) goes low and does not return
to the original high state (that is, VS) until the temperature returns to a value within a hysteresis window set by
the HYSTSET pin. The HYSTSET pin allows the user to choose between a 5°C and a 10°C hysteresis window.
Table 2 lists the hysteresis window that corresponds to the HYSTSET setting.
Table 2. HYSTSET Window
HYSTSET
THRESHOLD HYSTERESIS
GND
5°C
VS
10°C
For the specific case of the device, if the HYSTSET pin is set to 10°C (that is, connected to VS) and the device is
configured with a 60°C trip point (TRIPSET1 = VS, TRIPSET0 = GND), when this threshold is exceeded the
output does not return to the original high state until it reaches 50°C. This case is more clearly shown in Figure 9.
Figure 9. TMP302A-Q1: HYSTSET = VS, TRIPSET1 = VS, TRIPSET0 = GND
8.4 Device Functional Modes
The TMP302-Q1 family of devices has a single functional mode. Normal operation for the TMP302-Q1 family of
devices occurs when the power-supply voltage applied between the VS pin and GND is within the specified
operating range of 1.4 to 3.6 V. The temperature threshold is selected by connecting the TRIPSET0 and
TRIPSET1 pins to either the GND or VS pins (see Table 1). Hysteresis is selected by connecting the HYSTSET
pin to either the GND or VS pins (see Table 2). The output pin, OUT, remains high when the temperature is
below the selected temperature threshold. The OUT pin remains low when the temperature is at or above the
selected temperature threshold. The OUT pin returns from a low state back to the high state based upon the
amount of selected hysteresis (see the HYSTSET section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com