Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS3813
Description  TPS3813-Q1 Automotive Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 7Page - Texas Instruments TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments TPS3813 Datasheet HTML 12Page - Texas Instruments TPS3813 Datasheet HTML 13Page - Texas Instruments TPS3813 Datasheet HTML 14Page - Texas Instruments TPS3813 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
7.3.2 Implemented Window-Watchdog Settings
The watchdog window can be set up in two different ways. The first way is to use the implemented timing, which
is a default setting. The other way is to activate the default settings by wiring the WDT and WDR pin to VDD or
GND. Four different timings available with these settings which are listed in Table 7-1.
Table 7-1. Window-Watchdog Configuration Settings
SELECTED OPERATION MODE
twindow
tboundary
WDT = 0 V
WDR = 0 V
Max = 0.3 s
Max = 9.46 ms
Typ = 0.25 s
Typ = 7.86 ms
Min = 0.2 s
Min = 6.27 ms
WDR = VDD
Max = 0.3 s
Max = 2.43 ms
Typ = 0.25 s
Typ = 2 ms
Min = 0.2 s
Min = 1.58 ms
WDT = VDD
WDR = 0 V
Max = 3 s
Max = 93.8 ms
Typ = 2.5 s
Typ = 78.2 ms
Min = 2 s
Min = 62.5 ms
WDR = VDD
Max = 3 s
Max = 23.5 ms
Typ = 2.5 s
Typ = 19.6 ms
Min = 2 s
Min = 15.6 ms
See Figure 7-2 to visualize the values named in the table. The upper boundary of the window frame is defined
by twindow and the lower boundary of the window frame is defined by tboundary. Table 7-1 describes the upper and
lower boundary settings. The device must detect a rising edge at the WDI pin between tboundary,max and twindow,min
to prevent asserting a reset. The values in Table 7-1 are typical and worst case conditions and are valid over the
whole temperature range of –40°C to +125°C.
The shaded areas shown in Figure 7-2 are cases where undefined operation may happen. This device may
not detect a violation if a WDI pulse occurs within these three shaded areas. The first shaded area addresses
the situation of two consecutive rising edges occur within a quick amount of time. The typical time between
rising edges should be more than 500 µs. The second and third shaded areas are defined by the min and
max variance of the lower boundary (tboundary) and upper boundary (twindow). Set the WDI rising edge within the
tboundary,max and twindow,min for correct operation.
Window Frame to Reset the WDI
Detection of
Rising Edge
WDI
twindow,min
twindow,typ
twindow,max
boundary,min
t
tboundary,max
tboundary,typ
t
Figure 7-2. Upper and Lower Boundary Visualization
www.ti.com
TPS3813K33-Q1, TPS3813I50-Q1
SPRS288H – MAY 2008 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS3813K33-Q1 TPS3813I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com