Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS3813
Description  TPS3813-Q1 Automotive Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments TPS3813 Datasheet HTML 12Page - Texas Instruments TPS3813 Datasheet HTML 13Page - Texas Instruments TPS3813 Datasheet HTML 14Page - Texas Instruments TPS3813 Datasheet HTML 15Page - Texas Instruments TPS3813 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
7.3.2.1 Timing Rules of Window-Watchdog
After the reset of the supervisor is released, the lower boundary of the first WDI window is disabled. However,
after the first WDI pulse low-to-high transition is detected, the lower boundary function of the window is enabled.
All further WDI pulses must fit into the configured window frame.
The lower boundary of the watchdog window begins with the rising edge of the WDI trigger pulse. At the same
time, all internal timers are reset. If an external capacitor is used, the lower boundary is impacted because of
the different oscillator frequency. See the Section 8.2.2.1 section for additional details. Figure 7-3, especially the
shaded boundary area, was prepared in a nonreal ratio scale to better visualize the description.
VDD
td
td
td
VIT
1.1 V
RESET
Output Condition
Undefined
WDI
1st Window
Without Lower
Boundary
2nd Window
With Lower
Boundary
3rd Window
With Lower
Boundary
Trigger Pulse
Lower Window
Boundary
1st Window
Without Lower
Boundary
1st Window
Without Lower
Boundary
2nd Window
With Lower
Boundary
3rd Window
With Lower
Boundary
t
t
t
Output Condition
Undefined
Figure 7-3. Timing Diagram
7.3.3 Watchdog Software Considerations
To benefit from the window watchdog feature and help the watchdog timer monitor the software execution more
closely, TI recommends that the watchdog be set and reset at different points in the program rather than pulsing
the watchdog input periodically by using the prescaler of a microcontroller or DSP. Furthermore, the watchdog
trigger pulses should be set to different timings inside the window frame to release a defined reset if the program
should hang in any subroutine. This setting allows the window watchdog to detect timeouts of the trigger pulse
as well as pulses that distort the lower boundary.
7.4 Device Functional Modes
The functional mode for the TPS3813-Q1 family family of devices is either on or reset. Table 7-2 lists the device
truth table.
Table 7-2. Device States
CONDITION
STATE
RESET
VDD > VIT
On
H
VDD < VIT
Reset
L
Watchdog fault
TPS3813K33-Q1, TPS3813I50-Q1
SPRS288H – MAY 2008 – REVISED OCTOBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS3813K33-Q1 TPS3813I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com