Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS3813
Description  TPS3813-Q1 Automotive Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments TPS3813 Datasheet HTML 12Page - Texas Instruments TPS3813 Datasheet HTML 13Page - Texas Instruments TPS3813 Datasheet HTML 14Page - Texas Instruments TPS3813 Datasheet HTML 15Page - Texas Instruments TPS3813 Datasheet HTML 16Page - Texas Instruments TPS3813 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Lower-Boundary Calculation
The lower boundary can be calculated based on the values listed in the Section 6.7 table. Additionally, facts
must be taken into account to verify that the lower boundary is where it is expected. Because the internal
oscillator of the window watchdog is running free, any rising edge at the WDI pin is taken into account at the
next internal clock cycle. Accounting for any rising edge at the WDI pin occurs regardless of the external source.
Because the shift between internal and external clock is not known, consider the worst-case condition when
calculating this value.
Table 8-1. Watchdog Lower-Boundary Calculation
SELECTED OPERATION MODE
LOWER BOUNDARY OF FRAME
WDT = external capacitor C(ext)
WDR = 0 V
tboundary,max = twindow,max / 23.5
tboundary,typ = twindow,typ / 25.8
tboundary,min = twindow,min / 28.7
WDR = VDD
tboundary,max = twindow,max / 51.6
tboundary,typ = twindow,typ / 64.5
tboundary,min = twindow,min / 92.7
8.2 Typical Application
A typical application example (see Figure 8-1) is used to describe the function of the watchdog in more detail.
WDI
WDR
WDT
GND
TPS3813-Q1
I/O
GND
Position 1
Position 2
Position 3
Position 5
Position 4
R
18 kΩ
µC
C
(ext)
V
DD
V
DD
V
DD
0.1 µF
0.1 µF
V
DD
V
DD
RESET
RESET
Figure 8-1. Application Example
www.ti.com
TPS3813K33-Q1, TPS3813I50-Q1
SPRS288H – MAY 2008 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS3813K33-Q1 TPS3813I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com