Electronic Components Datasheet Search
  English  ▼

X  

3522 Datasheet(PDF) 3 Page - Keystone Electronics Corp.

Part # 3522
Description  “AUTO” FUSE CLIPS & HOLDERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

3522 Datasheet(HTML) 3 Page - Keystone Electronics Corp.

  3522 Datasheet HTML 1Page - Keystone Electronics Corp. 3522 Datasheet HTML 2Page - Keystone Electronics Corp. 3522 Datasheet HTML 3Page - Keystone Electronics Corp. 3522 Datasheet HTML 4Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
40
.280 [7.1]
.156 [4.0]
.070 [1.80]
.040
[1.00]
.400 [10.2]
.075 [1.90]
.100 [2.6]
.062
[1.55]
.212
[5.4]
.091 [2.30]
.244 [6.2]
.236 [6.0]
.079 [2.00]
.197 [5.0]
.320 [8.2]
.270
[6.9]
.120 [3.1] DIA.
(2) PLS
.094 [2.4] DIA.
(4) PLS
MATERIAL:
.016 (.41) Brass, Matte Tin Plate
Current Rating: 15 Amps @ 500V AC
Mounting Detail
For Two Clips
.075 [1.90]
.086 [2.20]
.062 [1.55]
.440 [11.2]
.144 [3.7]
.125 [3.2]
.156 [4.0]
.196
[5.0]
Mounting Detail For Two Clips
.100 [2.6]
.578 [14.7]
.125 [3.2]
.138
[3.5]
.340 [8.7]
.187 [4.8]
.176 [4.5]
.144
[3.7]
.065 [1.65] DIA. (4) PLS
.144
[3.7]
Mounting Detail For Two Clips
VERTICAL FUSE ENTRY
MINI FUSE HOLDER
LOW PROFILE MINI FUSE HOLDER
Surface Mount
Thru Hole Mount
.400 [10.2]
.250 [6.4]
.125 [3.2]
.091 [2.30]
.125 [3.2]
.236 [6.0]
.079 [2.00]
(2) PLS
.120 [3.1] DIA.
.320 [8.2]
.091 [2.30]
MIN. TYP.
.400 [10.2]
MIN.
.125 [3.2]
• Low Profile
• Low Profile
AVAILABLE ON TAPE AND REEL
.406 [10.3]
.700 [17.8]
.394
[10.0]
.070 [1.8]
(2) PLS
.295 [7.5]
.040 [1.0]
(2) PLS
.145 [3.7]
.228 [5.8]
.400
[10.2]
.295 [7.5]
.076 [1.93]
DIA. (2) PLS
.046 [1.17]
DIA. (2) PLS
Mounting Detail
.134
[3.40]
.390
[9.9]
.063 [1.60]
DIA. (4) PLS
Mounting Detail
.134 [3.4]
.063 [1.60] DIA. (4) PLS
.530 [13.5]
Pad Layout
For Two Clips
HORIZONTAL FUSE ENTRY
CAT. NO. 3549 Nickel Plate
CAT. NO. 3564
CAT. NO. 3563 (Bulk)
CAT. NO. 3549-2 Tin Plate
SPECIFICATIONS
Material: .012 (.30) Brass
Insulator: Glass filled Nylon, UL Rated 94V-0
Current Rating: 15 Amps @ 500V AC
Temperature Rating: -58°F to+292°F (-50°C to+145°C)
CAT. NO. 3563TR (Tape & Reel)
For .110 (2.8)
× .032 (.80) MINI BLADE FUSES
For Littelfuse Mini 297 or 997 series/Bussmann ATM series or equivalent
For Littelfuse Low Profile
Mini 897 series or equivalent
For Littelfuse Mini 297 or
997 series/Bussmann ATM
or equivalents
Tape & Reel Spec’s: 24mm wide; 12mm pitch;
13 inch reel (1500 pieces per reel)
“MINI” AUTOMOTIVE FUSE CLIPS & HOLDERS
SPECIFICATIONS
Contacts: .012 (.30) Brass
Insulator: Nylon 6/6, UL Rated 94V-0
Current Rating: 15 Amps @ 500V AC
Temperature Rating: -58°F to+292°F (-50°C to+145°C)
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
• Low insertion force
• Thru hole PC mountable, maintains position during wave soldering
• Fuse holder fully insulates clips to protect fuse from shorting
• Holder assures proper spacing and reduces assembly time
CAT. NO. 3557-2
CAT. NO. 3568
Refer to page 39
for Cat. No. 3557
Clip details
.062 [1.57] (2) PLS
.134
[3.4]
.530 [13.5]
.110 [2.8]
.780 [19.8]
.290 [7.4]
.265 [6.8]
.265 [6.73]
.630 [16.00]
.110 [2.79]
.390 [9.9]
.062 [1.57] TYP
.290 [7.37]
.134
[3.41]
SPECIFICATIONS
Contacts: .016 (.41) Brass,
Tin-Nickel Plate
Insulator: Nylon 4/6, UL Rated 94V-0
Current Rating: 20 Amps @ 500V AC
Temperature Rating: -58°F to+292°F
(-50°C to+145°C)
For Littelfuse Mini 297 or 997 series/Bussmann ATM series or equivalent
CAT. NO. 3544 Tin-Nickel Plate
CAT. NO. 3544-2 Tin Plate
M60Section2FREV1A3-COLOR 4/4/13 4:56PM Page40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com