Electronic Components Datasheet Search
  English  ▼

X  

3522 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 3522
Description  “AUTO” FUSE CLIPS & HOLDERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

3522 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  3522 Datasheet HTML 1Page - Keystone Electronics Corp. 3522 Datasheet HTML 2Page - Keystone Electronics Corp. 3522 Datasheet HTML 3Page - Keystone Electronics Corp. 3522 Datasheet HTML 4Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODULAR AUTOMOTIVE BLADE FUSE HOLDERS
AUTOMOTIVE BLADE FUSE CLIP & HOLDERS
• Available for standard, mini and maxi fuse sizes
• Horizontal and vertical mini blade clips and holders for
Littelfuse Low Profile Mini 897 series, Mini 297 or 997
series, Bussmann ATM series fuses or equivalents
• Horizontal and vertical standard blade clips and holders
for Littelfuse ATO 257 series and Bussmann ATC series
fuses or equivalents
• Vertical maxi blade clips and holders for Littelfuse Maxi 297
series and Bussmann MAX series fuses or equivalent.
• Thru hole PC mountable, maintains position during
wave soldering
• Holds fuse securely, even after multiple insertions
• Available with orientation legs to assure proper orientation
SPECIFICATIONS
Contacts: Brass, Tin Plate
Body: Nylon
Current Rating: 30 Amps @ 500V AC
Temperature Rating: -58ºF to +292ºF (-50ºC to +145ºC)
.089 [2.26] DIA.
(2) PLS
.360 [9.2]
Mounting Detail
.650 [16.5]
.360 [9.2]
.089 [2.26] DIA.
(4) PLS
Mounting Detail
For Two Holders
• Designed for standard auto blade fuses
• Fully insulated compact design
• Mounts easily in pre-drilled or
punched hole
• Holder has pocket to hold spare fuse
• Safety lever release clip will not open
under shock or vibration
• Fuses are installed and removed easily
• May be used individually or easily
interlocked for multiple mounting
.382 [9.7]
.969 [24.6]
.360 [9.2]
.417 [10.6]
.394 [10.0]
.059 [1.50]
x .075 [1.90]
(2) PLS
.890 [22.6]
1.067 [27.1]
COVER SHOWN
OPEN.
38
CAT. NO. 3559 (In Line)
3559 (14 gauge
wire lead must
be cut and spliced
for in-line use)
FOR .205 (5.2)
× .025 (.64) STANDARD BLADE FUSES
For Littelfuse ATO 257 series/Bussmann ATC series or equivalent
For Littelfuse Maxi 297 series/Bussmann Max series or equivalent
CAT. NO. 3560 (PC Mount)
“MAXI” AUTOMOTIVE FUSE CLIP & HOLDER
.392 [10.0]
.180 [4.6]
.422
[10.7]
.375
[9.5]
.109
[2.8]
.106 [2.7]
.578
[14.7]
.180 [4.6]
.328
[8.4]
.328
[8.4]
.500
[12.7]
.152 [3.9] DIA. (4) PLS
• Thru hole PC mountable, maintains position during wave soldering
• Holder design prevents solder wicking
CAT. NO. 3555
CAT. NO. 3555-2
SPECIFICATIONS
Contacts: .020 (.51) Copper, Tin-Nickel Plate
Insulator: Glass filled Nylon, UL Rated 94V-0
Current Rating: 40 Amps @ 500V AC
Temperature Rating: -58ºF to +292ºF
(-50ºC to+145ºC)
.442 [11.3]
.136 [3.5]
.230 [5.9]
1.410 [35.8]
.180
[4.6]
.067
[1.70]
Mounting Detail For Two Clips
• Withstands the rigors of shock and vibration
• Holds fuse securely, even after multiple insertions
.156 [4.0]
.125 [3.2]
.359 [9.1]
.359 [9.1]
.390 [9.9]
.140 [3.6]
.162 [4.1]
(7) PLS
.519 [13.2]
.032 [0.81]
(4) PLS
.375 [9.5]
.062 [1.57]
(2) PLS
Mounting Detail For Two Holders
.032 [0.81]
(2) PLS
.519 [13.2]
.140 [3.6]
.062 [1.57]
(2) PLS
.110 [2.8]
.162 [4.1]
(4) PLS
.282 [7.2]
.375 [9.5]
Mounting Detail
CAT. NO. 3558
• Fully insulated fuse mount
• Designed for standard auto blade fuses
• Mounts easily in punched hole
• Fuses are installed and removed easily
• May be used individually or easily
interlocked for multiple mounting
SPECIFICATIONS
Contacts: Brass, Tin Plate
Body: Nylon
Current Rating: 30 Amps @ 500V AC
Temperature Rating: -58ºF to +292ºF (-50ºC to +145ºC)
.984 [25.0]
.519 [13.2]
REF.
.362 [9.2]
.157 [4.0]
(2) PLS
.157 [4.0]
1.299 [33.0]
REF.
.375 [9.6]
.394 [10.0]
3560 (Shown with
two 3560 holders,
interlocked)
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
FOR .312 (7.9)
× .032 (.80) MAXI BLADE FUSES
M60Section2FREV1A3-COLOR 4/4/13 4:55PM Page38


Similar Part No. - 3522

ManufacturerPart #DatasheetDescription
logo
Lumberg
3522 LUMBERG-3522 Datasheet
124Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
List of Unclassifed Man...
3522 ETC2-3522 Datasheet
113Kb / 1P
STANDARD AUTOMOTIVE BLADE FUSE CLIPS , HOLDERS
logo
Lumberg
3522 LUMBERG-3522 Datasheet
618Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
TE Connectivity Ltd
3522 TEC-3522 Datasheet
269Kb / 7P
SMD POWER RESISTORS - AEC-Q200 QUALIFIED
3522 TEC-3522 Datasheet
269Kb / 7P
SMD POWER RESISTORS ??AEC-Q200 QUALIFIED
More results

Similar Description - 3522

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H707 GILWAY-H707 Datasheet
59Kb / 1P
Reflector Holders - Mounting Clips
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
Fuse Clips
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
Fuse Holders
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
Fuse Holders
logo
List of Unclassifed Man...
3550-2 ETC2-3550-2 Datasheet
113Kb / 1P
STANDARD AUTOMOTIVE BLADE FUSE CLIPS , HOLDERS
441-R347A-GR ETC2-441-R347A-GR Datasheet
76Kb / 2P
Blade Fuse Holders
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
logo
Eaton All Rights Reserv...
HKP EATON-HKP Datasheet
184Kb / 2P
Panel-mount fuse holders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com