Electronic Components Datasheet Search
  English  ▼

X  

3522 Datasheet(PDF) 2 Page - Keystone Electronics Corp.

Part # 3522
Description  “AUTO” FUSE CLIPS & HOLDERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

3522 Datasheet(HTML) 2 Page - Keystone Electronics Corp.

  3522 Datasheet HTML 1Page - Keystone Electronics Corp. 3522 Datasheet HTML 2Page - Keystone Electronics Corp. 3522 Datasheet HTML 3Page - Keystone Electronics Corp. 3522 Datasheet HTML 4Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FOR .205 (5.2)
× .025 (.64) STANDARD BLADE FUSES
For Littelfuse ATO 257 series/Bussmann ATC series or equivalent
For Littelfuse ATO 257 series/Bussmann ATC series,
Littelfuse Low Profile Mini 897 series or equivalents
For Littelfuse ATO 257 series/Bussmann ATC series,
Littelfuse Mini 297 or 997 series/Bussmann ATM series,
Littelfuse Low Profile Mini 897 series or equivalents
VERTICAL FUSE ENTRY
CAT. NO. 3522-2
CAT. NO. 3522 Tin-Nickel Plate
SPECIFICATIONS
Contacts: .016 (.41) Brass, Tin-Nickel Plate
Insulator: Glass filled Nylon, UL Rated 94V-0
Current Rating: 30 Amps @ 500V AC
Temperature Rating: -58ºF to +292ºF
(-50ºC to +145ºC)
CAT. NO. 3522-3
• Holds fuse securely, even after multiple insertions
• Thru hole-mount, maintains position during wave soldering
• Withstands the rigors of shock and vibration
• Holder design prevents solder wicking
Mounting Detail For Two Clips
.200
[5.1]
.160 [4.1]
.100 [2.6] DIA. (4) PLS
.200
[5.1]
Mounting Detail For Two Clips
.200 [5.1] (3) PLS.
.100 [2.6] DIA. (4) PLS
.160 [4.1] (2) PLS.
.212
[5.40]
.062
[1.55]
.240 [6.10]
.100 [2.55]
.180 [4.55]
.098 [2.50]
.400 [10.15]
.062
[1.55]
.250
[6.35]
.400
[10.2]
.363 [9.2]
.104 [2.64]
DIA. (2) PLS
Mounting Detail For Two Clips
.393 [10.0]
.400 [10.2]
.062 [1.6]
(2) PLS
.363 [9.2]
.820 [20.8]
.145 [3.7]
.245 [6.2]
.100 [2.6]
(2) PLS
CAT. NO. 3550
CAT. NO. 3550-2
SPECIFICATIONS
Contacts: .012 (.30) Brass, Nickel Plate
Insulator: Nylon, UL Rated 94V-0
Current Rating: 15 Amps @ 500V AC
Temperature Rating: -58ºF to +292ºF (-50ºC to +145ºC)
HORIZONTAL FUSE ENTRY
• Designed for low height clearance applications
• Fuse will be inserted parallel to board
• Thru hole mount, maintains position during wave soldering
• Fuse holder fully insulates clips to protect fuse from shorting
• Holder assures proper spacing and reduces assembly time
• Polarized legs assure proper orientation of clips onto board
• Low insertion force
• Fuse holder fully insulates clips to protect fuse from shorting
• Holder assures proper spacing and reduces assembly time
• Thru hole PC mountable, maintains position during wave soldering
• Accepts most Auto-Blade Fuses
• Low insertion force
• Thru hole PC mountable, maintains position
during wave soldering
Mounting Detail
.185 [4.7]
.150 [3.8]
.134 [3.4]
.400 [10.2]
.150 [3.8]
.062 [1.57]
.027 [0.69]
.130 [3.3]
.062 [1.57] (2) PLS
.134
[3.4]
.530 [13.5]
.110 [2.8]
.780 [19.8]
.290 [7.4]
.265 [6.8]
3522-2
3522-3
SPECIFICATIONS
Contacts: .016 (.41) Brass, Tin-Nickel Plate
Insulator:Nylon 4/6, UL Rated 94V-0
Current Rating: 20 Amps @ 500V AC
Temperature Rating:
-58ºF to +292ºF (-50ºC to +145ºC)
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
2 IN 1 FUSE HOLDER
UNIVERSAL CLIP
CAT. NO. 3557-2
CAT. NO. 3577 - Bottom Entry
CAT. NO. 3557 - Top Entry
.070
[1.78]
.125
[3.2]
.281
[7.2]
.437
[11.1]
.076 [1.92]
.271 [6.9]
.250
[6.4]
.134 [3.4]
W
.063 [1.60] DIA. (4) PLS
STANDARD AUTOMOTIVE BLADE FUSE CLIPS & HOLDERS
39
.134 [3.4]
.063 [1.6] DIA. (4) PLS
.530 [13.5]
Mounting Detail
CAT. NO. 3573 Matte Tin Plate
Mounting Detail For Two Clips
.200
[5.1]
.100 [2.6] DIA. (4) PLS
.200
[5.1]
.160 [4.1]
.175 [4.5]
.300 [7.6]
.137 [3.5]
.050
[1.27]
.125
[3.2]
.760 [19.3]
.175 [4.5]
.300 [7.6]
.100 [2.6]
.050
[1.27]
.125
[3.2]
.260 [6.6]
1.125 [28.6]
.156 [4.0]
REF.
.102 [2.6]
.054 [1.4]
.292 [7.4]
.200
[5.1]
.150 [3.8]
.330 [8.4]
SPECIFICATIONS
Contacts: .016 (.41) Brass
Current Rating: 20 Amps @ 500 VAC
VERTICAL ENTRY
LOW INSERTION FORCE
Fuse
W
Mini
.383 (9.7)
Standard .530 (13.5)
M60Section2FREV1A3-COLOR 4/4/13 4:56PM Page39



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com