Electronic Components Datasheet Search
  English  ▼

X  

LP2950 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2950
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2950_08 Datasheet HTML 7Page - Texas Instruments LP2950_08 Datasheet HTML 8Page - Texas Instruments LP2950_08 Datasheet HTML 9Page - Texas Instruments LP2950_08 Datasheet HTML 10Page - Texas Instruments LP2950_08 Datasheet HTML 11Page - Texas Instruments LP2950_08 Datasheet HTML 12Page - Texas Instruments LP2950_08 Datasheet HTML 13Page - Texas Instruments LP2950_08 Datasheet HTML 14Page - Texas Instruments LP2950_08 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
Input Voltage
2 V/div
Output Voltage
80 mV/div
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VOL – Output Low Voltage – V
T = 125
A
T = 25
A
T = –40
A
Output Load
100 mA/div
Output Voltage
100 mV/div
Output Load
100 mA/div
Output Voltage
100 mV/div
LP2950
,, LP2951
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
WITH SHUTDOWN
SLVS582D – APRIL 2006 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
LP2951 ERROR COMPARATOR SINK CURRENT
LINE TRANSIENT RESPONSE
vs
vs
OUTPUT LOW VOLTAGE
TIME
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
vs
vs
TIME
TIME
(VOUT = 5 V, CL = 1 µF)
(VOUT = 5 V, CL = 10 µF)
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com