Electronic Components Datasheet Search
  English  ▼

X  

LP2950 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP2950
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2950_08 Datasheet HTML 11Page - Texas Instruments LP2950_08 Datasheet HTML 12Page - Texas Instruments LP2950_08 Datasheet HTML 13Page - Texas Instruments LP2950_08 Datasheet HTML 14Page - Texas Instruments LP2950_08 Datasheet HTML 15Page - Texas Instruments LP2950_08 Datasheet HTML 16Page - Texas Instruments LP2950_08 Datasheet HTML 17Page - Texas Instruments LP2950_08 Datasheet HTML 18Page - Texas Instruments LP2950_08 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
Input Capacitor (C
IN)
Output Capacitor (C
OUT)
Capacitance Value
ESR Range
LP2950
,, LP2951
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
WITH SHUTDOWN
SLVS582D – APRIL 2006 – REVISED MARCH 2007
A 1-
µF (tantalum, ceramic, or aluminum) electrolytic capacitor should be placed locally at the input of the
LP2950 or LP2951 if there is, or will be, significant impedance between the ac filter capacitor and the input; for
example, if a battery is used as the input or if the ac filter capacitor is located more than 10 in away. There are
no ESR requirements for this capacitor, and the capacitance can be increased without limit.
As with most PNP LDOs, stability conditions require the output capacitor to have a minimum capacitance and an
ESR that falls within a certain range.
For VOUT ≥ 5 V, a minimum of 1 µF is required. For lower VOUT, the regulator’s loop gain is running closer to
unity gain and, thus, has lower phase margins. Consequently, a larger capacitance is needed for stability. For
VOUT = 3 V or 3.3 V, a minimum of 2.2 µF is recommended. For worst case, VOUT = 1.23 V (using the ADJ
version), a minimum of 3.3
µF is recommended. C
OUT can be increased without limit and only improves the
regulator stability and transient response. Regardless of its value, the output capacitor should have a resonant
frequency less than 500 kHz.
The minimum capacitance values given above are for maximum load current of 100 mA. If the maximum
expected load current is less than 100 mA, then lower values of COUT can be used. For instance, if IOUT < 10
mA, then only 0.33
µF is required for C
OUT. For IOUT < 1 mA, 0.1 µF is sufficient for stability requirements. Thus,
for a worst-case condition of 100-mA load and VOUT = VREF = 1.235 V (representing the highest load current and
lowest loop gain), a minimum COUT of 3.3 µF is recommended.
For the LP2950, no load stability is inherent in the design — a desirable feature in CMOS circuits that are put in
standby (such as RAM keep-alive applications). If the LP2951 is used with external resistors to set the output
voltage, a minimum load current of 1
µA is recommended through the resistor divider.
The regulator control loop relies on the ESR of the output capacitor to provide a zero to add sufficient phase
margin to ensure unconditional regulator stability; this requires the closed-loop gain to intersect the open-loop
response in a region where the open-loop gain rolls off at 20 dB/decade. This ensures that the phase always is
less than 180
° (phase margin greater than 0°) at unity gain. Thus, a minimum-maximum range for the ESR must
be observed.
The upper limit of this ESR range is established by the fact that too high an ESR could result in the zero
occurring too soon, causing the gain to roll off too slowly, which, in turn allows a third pole to appear before unity
gain and introduce enough phase shift to cause instability. This typically limits the max ESR to approximately
5
Ω.
Conversely, the lower limit of the ESR is tied to the fact that too low an ESR shifts the zero too far out (past
unity gain) and, thus, allows the gain to roll off at 40 dB/decade at unity gain, with a resulting phase shift of
greater than 180
°. Typically, this limits the minimum ESR to approximately 20 mΩ to 30 mΩ.
For specific ESR requirements, see Typical Characteristics.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com