Electronic Components Datasheet Search
  English  ▼

X  

LP2950 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2950
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 2 Page - Texas Instruments

  LP2950_08 Datasheet HTML 1Page - Texas Instruments LP2950_08 Datasheet HTML 2Page - Texas Instruments LP2950_08 Datasheet HTML 3Page - Texas Instruments LP2950_08 Datasheet HTML 4Page - Texas Instruments LP2950_08 Datasheet HTML 5Page - Texas Instruments LP2950_08 Datasheet HTML 6Page - Texas Instruments LP2950_08 Datasheet HTML 7Page - Texas Instruments LP2950_08 Datasheet HTML 8Page - Texas Instruments LP2950_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
LP2950
,, LP2951
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
WITH SHUTDOWN
SLVS582D – APRIL 2006 – REVISED MARCH 2007
ORDERING INFORMATION(1)
VOUT
ORDERABLE
TA
PACKAGE(2)
TOP-SIDE MARKING
(NOM)
PART NUMBER
Bulk of 1000
LP2950-30LP
TO-226/TO-92 – LP
KY5030
Reel of 2000
LP2950-30LPR
3 V
Tube of 75
LP2951-30D
SOIC – D
KY5130
Reel of 2500
LP2951-30DR
Bulk of 1000
LP2950-33LP
TO-226/TO-92 – LP
KY5033
Reel of 2000
LP2950-33LPR
3.3 V
Tube of 75
LP2951-33D
–40
°C to 125°C
SOIC – D
KY5133
Reel of 2500
LP2951-33DR
Bulk of 1000
LP2950-50LP
PREVIEW
TO-226/TO-92 – LP
Reel of 2000
LP2950-50LPR
KY5050
5 V
Tube of 75
LP2951-50D
SOIC – D
KY5150
Reel of 2500
LP2951-50DR
Tube of 75
LP2951D
ADJ
SOIC-D
KY5150
Reel of 2500
LP2951DR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com