Electronic Components Datasheet Search
  English  ▼

X  

TPS40077PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS40077PWPR
Description  TPS40077 4.5-V to 28-V Input, Voltage Mode, Synchronous Buck Controller With Voltage Feed Forward
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40077PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS40077PWPR Datasheet HTML 18Page - Texas Instruments TPS40077PWPR Datasheet HTML 19Page - Texas Instruments TPS40077PWPR Datasheet HTML 20Page - Texas Instruments TPS40077PWPR Datasheet HTML 21Page - Texas Instruments TPS40077PWPR Datasheet HTML 22Page - Texas Instruments TPS40077PWPR Datasheet HTML 23Page - Texas Instruments TPS40077PWPR Datasheet HTML 24Page - Texas Instruments TPS40077PWPR Datasheet HTML 25Page - Texas Instruments TPS40077PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
22
TPS40077
SLUS714E – JANUARY 2007 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS40077
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
Typical Applications (continued)
(1)
Voltage accuracy is dependent on resistor tolerance and reference accuracy. Line and load regulation are calculated with respect to the
actual set point voltage.
Table 3. Characteristics
PARAMETER
NOTES AND CONDITIONS
MIN
NOM
MAX
UNITS
INPUT CHARACTERSTICS
VIN
Input voltage
8
12
16
V
IIN
Input current
VIN = NOM, IOUT = MAX
1.8
2
A
No-load input current
VIN = NOM, IOUT = 0 A
62.6
3.6
mA
VIN_UVLO
Input UVLO
IOUT = MIN to MAX
5.4
6
6.6
V
VIN_ONV
Input ONV
IOUT = MIN to MAX
6.3
7
7.7
V
OUTPUT CHARACTERSTICS
VOUT
Output voltage
VIN = NOM, IOUT = NOM
1.75
1.8
1.85
V
Line regulation(1)
VIN = MIN to MAX, IOUT = NOM
0.5%
Load regulation(1)
VIN = NOM, IOUT = MIN to MAX
0.5%
VOUT_ripple
Output voltage ripple
VIN = NOM, IOUT = MAX
100
mVpp
IOUT
Output current
VIN = MIN to MAX
0
5
10
A
IOCP
Output overcurrent
inception point
VIN = NOM, VOUT = VOUT – 5%
12.25
19.4
34
A
VOVP
Output OVP
IOUT = MIN to MAX
NA
NA
NA
Transient response
ΔI
Load step
IOUT_Max to 0.2 × IOUT _Max
8
A
Load slew rate
10
A/μs
Overshoot
200
mV
Settling time
1
ms
SYSTEM CHARACTERSTICS
fSW
Switching frequency
240
300
360
kHz
ηpk
Peak efficiency
VIN = NOM, IOUT = MIN to MAX
90%
η
Full-load efficiency
VIN = NOM, IOUT = MAX
90%
Top
Operating temperature
range
VIN = MIN to MAX, IOUT = MIN to MAX
–40
25
85
°C
MECHANICAL CHARACTERSTICS
L
Width
2
Inches
5.08
cm
W
Length
3
Inches
7.62
cm
h
Component height
0.41
Inch
1.04
cm
Table 4. Bill of Materials
REFDES
COUNT
VALUE
DESCRIPTION
SIZE
PART NUMBER
MFR
C1
1
470 μF
Capacitor, aluminum, 470-μF, 25-V,
20%
0.457 x 0.406
EEVFK1E471P
Panasonic
C2, C10
2
0.1 μF
Capacitor, ceramic, 25-V, X7R, 20%
0603
Std
Vishay
C3
1
15 nF
Capacitor, ceramic, 25-V, X7R 20%
0603
Std
Vishay
C4
1
47 pF
Capacitor, ceramic, 25-V, X7R, 20%
0603
Std
Vishay
C5
1
1.8 nF
Capacitor, ceramic, 25-V, X7R 20%
0603
Std
Vishay
C6
1
680 pF
Capacitor, ceramic, 25-V, X7R 20%
0603
Std
Vishay
C7
1
51 pF
Capacitor, ceramic, 25-V, COG 20%
0603
Std
Vishay
C8, C11
2
0.1 μF
Capacitor, ceramic, 25-V, X7R, 20%
0603
Std
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com