Electronic Components Datasheet Search
  English  ▼

X  

TPS40077PWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS40077PWPR
Description  TPS40077 4.5-V to 28-V Input, Voltage Mode, Synchronous Buck Controller With Voltage Feed Forward
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40077PWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS40077PWPR Datasheet HTML 25Page - Texas Instruments TPS40077PWPR Datasheet HTML 26Page - Texas Instruments TPS40077PWPR Datasheet HTML 27Page - Texas Instruments TPS40077PWPR Datasheet HTML 28Page - Texas Instruments TPS40077PWPR Datasheet HTML 29Page - Texas Instruments TPS40077PWPR Datasheet HTML 30Page - Texas Instruments TPS40077PWPR Datasheet HTML 31Page - Texas Instruments TPS40077PWPR Datasheet HTML 32Page - Texas Instruments TPS40077PWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
FB
COMP
TPS40077
SS
6
7
8
V
OUT
R
P1
R
Z1
R
PZ2
R
SET
C
PZ1
C
Z2
C
P2
S0240-01
f − Frequency − kHz
−60
−50
−40
−30
−20
−10
0
10
20
30
G028
0.1
1
10
1k
100
ESR Zero
Double Pole
ESR = 0.16
Ω
Slope = –20 dB/Decade
29
TPS40077
www.ti.com
SLUS714E – JANUARY 2007 – REVISED JUNE 2019
Product Folder Links: TPS40077
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
These are shown in the Bode plot of Figure 29.
Figure 29. PWM and LC Filter Gain
The next step is to establish the required compensation gain to achieve the desired overall system response.
The target response is to have the crossover frequency between 1/9 and 1/5 times the switching frequency, in
order to have a phase margin greater than 45° and a gain margin greater than 6 dB.
A type-III compensation network, shown in Figure 30, was used for this design. This network gives the best
overall flexibility for compensating the converter.
Figure 30. Type-III Compensation With the TPS40077
A typical Bode plot for this type of compensation network is shown in Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com