Electronic Components Datasheet Search
  English  ▼

X  

TPS40077PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS40077PWPR
Description  TPS40077 4.5-V to 28-V Input, Voltage Mode, Synchronous Buck Controller With Voltage Feed Forward
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40077PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40077PWPR Datasheet HTML 3Page - Texas Instruments TPS40077PWPR Datasheet HTML 4Page - Texas Instruments TPS40077PWPR Datasheet HTML 5Page - Texas Instruments TPS40077PWPR Datasheet HTML 6Page - Texas Instruments TPS40077PWPR Datasheet HTML 7Page - Texas Instruments TPS40077PWPR Datasheet HTML 8Page - Texas Instruments TPS40077PWPR Datasheet HTML 9Page - Texas Instruments TPS40077PWPR Datasheet HTML 10Page - Texas Instruments TPS40077PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
TPS40077
www.ti.com
SLUS714E – JANUARY 2007 – REVISED JUNE 2019
Product Folder Links: TPS40077
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = –40°C to 85°C, VIN = 12 Vdc, RT = 90.9 kΩ, IKFF = 300 μA, fSW = 500 kHz, and all parameters at zero power dissipation
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT DRIVERS
tHFALL
High-side driver fall time (HDRV – SW)(1)
CHDRV = 2200 pF
36
ns
tHRISE
High-side driver rise time (HDRV – SW)(1)
48
ns
tHFALL
High-side driver fall time (HDRV – SW)(1)
CHDRV = 2200 pF, VVDD = 4.5 V,
0.2 V
≤ VSS ≤ 4 V
72
ns
tHRISE
High-side driver rise time (HDRV – SW)(1)
96
ns
tLFALL
Low-side driver fall time(1)
CLDRV = 2200 pF
24
ns
tLRISE
Low-side driver rise time(1)
48
ns
tLFALL
Low-side driver fall time(1)
CLDRV = 2200 pF, VVDD = 4.5 V,
0.2 V
≤ VSS ≤ 4 V
48
ns
tLRISE
Low-side driver rise time(1)
96
ns
VOH
High-level output voltage, HDRV
(VBOOST – VHDRV)
IHDRV = –0.01 A
0.7
1
V
IHDRV = –0.1 A
0.95
1.3
VOL
Low-level output voltage, HDRV (VHDRV – VSW)
IHDRV = 0.01A
0.06
0.1
V
IHDRV = 0.1 A
0.65
1
VOH
High-level output voltage, LDRV
(VDBP – VLDRV)
ILDRV= –0.01A
0.65
1
V
ILDRV = –0.1 A
0.875
1.2
VOL
Low-level output voltage, LDRV
ILDRV = 0.01 A
0.03
0.05
V
ILDRV = 0.1 A
0.3
0.5
VBOOST
Output voltage
VDD = 12 V
15.2
17
V
UVLO
VUVLO
Programmable UVLO threshold voltage
RKFF = 90.9 kΩ, turn-on, VVDD rising
6.2
7.2
8.2
V
Programmable UVLO hysteresis
RKFF = 90.9 kΩ
1.1
1.55
2
V
Fixed UVLO threshold voltage
Turn-on, VVDD rising
4.15
4.3
4.45
V
Fixed UVLO hysteresis
275
365
mV
POWER GOOD
VPG
Power-good voltage
IPG = 1 mA
370
500
mV
VOH
High-level output voltage, FB
770
mV
VOL
Low-level output voltage, FB
630
mV
THERMAL SHUTDOWN
Shutdown temperature threshold(1)
165
°C
Hysteresis(1)
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com