Electronic Components Datasheet Search
  English  ▼

X  

TPS65149 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65149
Description  LCD Bias Solution for Monitors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65149 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65149 Datasheet HTML 1Page - Texas Instruments TPS65149 Datasheet HTML 2Page - Texas Instruments TPS65149 Datasheet HTML 3Page - Texas Instruments TPS65149 Datasheet HTML 4Page - Texas Instruments TPS65149 Datasheet HTML 5Page - Texas Instruments TPS65149 Datasheet HTML 6Page - Texas Instruments TPS65149 Datasheet HTML 7Page - Texas Instruments TPS65149 Datasheet HTML 8Page - Texas Instruments TPS65149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
TI Information — Selective Disclosure
TPS65149
SLVSAC1 – SEPTEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
ORDERING
PACKAGE
PACKAGE MARKING
–40°C to 85°C
TPS65149RSHR
56-Pin 7×7 QFN
TPS65149
(1)
The device is supplied taped and reeled, with 3000 devices per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
FBN, VL, WP, SCL, SDA, FBP, RESETIN, CLKIN1, CLKIN2, CLKIN3, CLKIN4, CLKIN5,
CLKIN6, FBPH, FREQ, COMP, RHVS, FB, SS, GD, VIN, DRVN, VDET, STVIN, RNTC,
7
RSET, EN, XAO
DVRO, AVDD, SW, HVS
20
Pin Voltage(2)
V
DRVP, VGH
40
VGL1, VGL2
–20
DSCHG1, DSCHRG2, STVOUT, RESETOUT, CLKOUT1, CLKOUT2, CLKOUT3,
–20 to 40
CLKOUT4, CLKOUT5, CLKOUT6
Human Body Model
2
kV
ESD Rating
Machine Model
200
V
Charged Device Model
500
V
PD
Continuous Power Dissipation
See Thermal Table
W
TA
Ambient temperature
–40 to 85
°C
TJ
Junction temperature
–40 to 150
°C
TSTG
Storage temperature
–65 to 150
°C
Lead temperature (soldering, 10 seconds)
300
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
With respect to the AGND and LGND pins.
THERMAL INFORMATION
TPS65149
THERMAL METRIC(1)
QFN
UNITS
56 PINS
qJA
Junction-to-ambient thermal resistance
27.4
qJC(top)
Junction-to-case(top) thermal resistance
20.4
qJB
Junction-to-board thermal resistance
7.1
°C/W
yJT
Junction-to-top characterization parameter
0.5
yJB
Junction-to-board characterization parameter
7.0
qJC(bottom)
Junction-to-case(bottom) thermal resistance
2.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com