Electronic Components Datasheet Search
  English  ▼

X  

TPS65149 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS65149
Description  LCD Bias Solution for Monitors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65149 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65149 Datasheet HTML 35Page - Texas Instruments TPS65149 Datasheet HTML 36Page - Texas Instruments TPS65149 Datasheet HTML 37Page - Texas Instruments TPS65149 Datasheet HTML 38Page - Texas Instruments TPS65149 Datasheet HTML 39Page - Texas Instruments TPS65149 Datasheet HTML 40Page - Texas Instruments TPS65149 Datasheet HTML 41Page - Texas Instruments TPS65149 Datasheet HTML 42Page - Texas Instruments TPS65149 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
FB
SW
VIN
COMP
SS
VAVDD
V
IN
RHVS
HVS
VIN
DRVP
FBP
RNTC
FBPH
DVRO
AVDD
LGND
SCL
SDA
RSET
VDET
RESETIN
CLKIN1
CLKIN2
CLKIN3
CLKIN4
CLKOUT1
CLKOUT2
CLKOUT3
CLKOUT4
RESETOUT
DSCHG2
DSCHG1
STVIN
STVOUT
VGH
VGL1
VGL2
EN
AGND
PGND
V
IN
VAVDD
FREQ
WP
SW
DRVN
SW
FBN
VL
GD
CLKIN5
CLKIN6
CLKOUT5
CLKOUT6
3.3V
XAO
XAO
2R2
470n
6V2
3k9
100k
10u
100n
80k6
10k
22k
1k2
10u
10u
2R2
470n
470n
1u
1u
4u7
10u
1n
10u
40u
3n3
47k
22n
10k
20k
20k
10k
10k
1k
13.6V
–6V2
–10V
10k
10k
6k8
100n
7k32
6k98
1k05
28.3 V @ T < –10°C
24 V @ T > +10°C
TI Information — Selective Disclosure
TPS65149
www.ti.com
SLVSAC1 – SEPTEMBER 2010
Figure 52. Typical Application Circuit Using Positive Charge Pump in ×2.5 Configuration
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TPS65149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com