Electronic Components Datasheet Search
  English  ▼

X  

TPS65149 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS65149
Description  LCD Bias Solution for Monitors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65149 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS65149 Datasheet HTML 32Page - Texas Instruments TPS65149 Datasheet HTML 33Page - Texas Instruments TPS65149 Datasheet HTML 34Page - Texas Instruments TPS65149 Datasheet HTML 35Page - Texas Instruments TPS65149 Datasheet HTML 36Page - Texas Instruments TPS65149 Datasheet HTML 37Page - Texas Instruments TPS65149 Datasheet HTML 38Page - Texas Instruments TPS65149 Datasheet HTML 39Page - Texas Instruments TPS65149 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
V
GL
V
GH
LevelShifter
Outputs
V
IN
DSCHG1
TracksV
GH
TracksV
GH
V
<V
IN
UVLO
V
<V
IN
DET
DSCHG2
TracksV
GH
V
>V
IN
DET
V
>V
IN
UVLO
V
AVDD
V
>V
AVDD
PG
V
>V
GH
UVLO
( 8V)
≈
V
GL2
V
GL1
Min.OperatingV
( -2V)
GL
≈
V
<V
( 3V)
GH
UVLO
≈
TracksV
GL1
TracksV
GL2
TI Information — Selective Disclosure
TPS65149
SLVSAC1 – SEPTEMBER 2010
www.ti.com
Figure 49. Power Supply Sequencing with EN Pin Tied to VIN, VDET < VUVLO
36
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com