Electronic Components Datasheet Search
  English  ▼

X  

DSA Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # DSA
Description  Distinctive Characteristics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

DSA Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  DSA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series DS
Tilt Switch
www.nkk.com
K
K4
DSA SWITCH PART NUMBER & DESCRIPTION
Sealed Body
DSA01
DSA SWITCH SPECIFICATIONS
Mechanical & Electrical Specifications
Poles and Circuits:
Single Pole Single Throw ON – OFF
Operating Range:
ON Angle = 10° ~ 170°; OFF Angle = 190° ~ 350°
Resistive Load:
0.1A @ 12V DC
Contact Resistance:
100 milliohms maximum
Insulation Resistance:
50 megohms minimum @ 250V DC
Dielectric Strength:
250V AC for 1 minute minimum between terminals
Mechanical Life:
100,000 operations minimum
Electrical Life:
100,000 operations minimum
Environmental Specifications
Operating Temperature Range:
–10°C ~ +70°C (+14°F ~ +158°F)
Storage Temperature Range:
–25°C ~ +85°C (–13°F ~ +185°F)
Contact Bounce (for reference):
500ms maximum
Humidity:
90% humidity for 96 hours @ 40°C (104°F)
Vibration (for reference):
Frequency range 10Hz ~ 500Hz for 2 hours; 2 directions; Acceleration: 0.2G
Notes:
1. Do not install switch near vibration source.
2. Terminals should not be exposed to liquid.
Materials & Finishes
Housing:
PBT
Rubber Rings:
Nitrile Butadiene Rubber
Contact Balls:
Brass with Silver Plating
Terminals:
Brass with Silver Plating
SPST ON – OFF
Processing for AT094 PCB Adaptor
Soldering (with PCB Mount Holder):
Wave Soldering: See Profile A in Supplement section.
Manual Soldering: See Profile B in Supplement section.
Automated Cleaning:
Hand clean locally using alcohol based solution.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com