Electronic Components Datasheet Search
  English  ▼

X  

DSA Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # DSA
Description  Distinctive Characteristics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

DSA Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  DSA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series DS
Tilt Switch
www.nkk.com
K
K6
DSB SWITCH PART NUMBERS & DESCRIPTION
ON-OFF Status
Straight
PC Terminals
DSBA1P
DSBA1H
DSB SWITCH SPECIFICATIONS
ON-OFF Status
Right Angle
PC Terminals
Mechanical Specifications
Mechanical Life:
1,000,000 operations minimum
Electrical Life:
1,000,000 operations minimum using applicable circuit
Environmental Specifications
Operating Temperature Range:
–25°C ~ +80°C (–13°F ~ +176°F)
Storage Temperature Range:
–30°C ~ +85°C (–22°F ~ +185°F)
Humidity:
85% humidity for 500 hours @ +85°C (+185°F)
Vibration:
10Hz with peak-to-peak amplitude of 10mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 500,000 cycles
Shock:
100G (981m/s2) acceleration (tested in 6 right angled directions, with
5 shocks in each direction)
Notes:
1. Prevent exposure to magnetic fields.
2. Do not install switch near vibration source.
Materials & Finishes
Housing:
Glass fiber reinforced polyamide (UL94V-0 flammability rating)
Base:
Glass fiber reinforced polyamide (UL94V-0 flammability rating)
Terminals:
Phosphor bronze with tin plating
Absolute Maximum Ratings
Temperature at 25°C
Symbol
Rating
Unit
Input
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
75
mW
Output
Collector-Emitter Voltage
VCEO
30
V
Emitter-Collector Voltage
VECO
3
V
Collector Current
IC
20
mA
Collector Power Dissipation
PC
50
mW
Total Power Dissipation
Ptot
100
mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com