Electronic Components Datasheet Search
  English  ▼

X  

DSA Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # DSA
Description  Distinctive Characteristics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

DSA Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  DSA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. DSA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series DS
Tilt Switch
www.nkk.com
K
K5
TYPICAL SWITCH DIMENSIONS
160˚
160˚
10˚
180˚
10˚
90˚
270˚
10˚
10˚
0˚
θ
Unstable
Connection
Unstable
Connection
UP
ON
OFF
DOWN
Operating Range
Cross Section
OPTIONAL ADAPTOR
(29.97)
1.180
(1.02)
.040
Dia Typ
AT094
Materials:
PCB Adaptor for DSA01
Holder: Polypropylene
Spring: Spring Steel with
Nickel Plating
PC Pins: Brass with
Nickel Plating
PCB Footprint
Assembled DSA Switch & Adaptor
DSA SWITCH SPECIFICATIONS (CONTINUED)
+
(34.93)
1.375
(13.0)
.512
(12.7)
.500
(11.89)
.468
(0.78)
.031
Dia Typ
(29.97)
1.180
Allow 500ms settling time between states.
(11.5)
.453
Dia
Part No.
This End
(4.9) Dia
.193
(1.0)
.039
(1.0)
.039
(29.3)
1.154
1
2
(7.4)
.291
Dia
Terminal numbers are not on the switch.
DSA01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com