Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 21 Page - Texas Instruments

Part # CC2541
Description  CC2541-Q1 SimpleLink™ Bluetooth® Low Energy Wireless MCU for Automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2541 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 17Page - Texas Instruments CC2541 Datasheet HTML 18Page - Texas Instruments CC2541 Datasheet HTML 19Page - Texas Instruments CC2541 Datasheet HTML 20Page - Texas Instruments CC2541 Datasheet HTML 21Page - Texas Instruments CC2541 Datasheet HTML 22Page - Texas Instruments CC2541 Datasheet HTML 23Page - Texas Instruments CC2541 Datasheet HTML 24Page - Texas Instruments CC2541 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
RESET
WATCHDOG
TIMER
IRQ CTRL
FLASH CTRL
DEBUG
INTERFACE
CLOCK MUX
and
CALIBRATION
DMA
8051 CPU
CORE
32-MHz
CRYSTAL OSC
32.768-kHz
CRYSTAL OSC
HIGH-
SPEED
RC-OSC
POWER MANAGEMENT CONTROLLER
USART 0
USART 1
TIMER 1 (16-Bit)
TIMER 3 (8-Bit)
TIMER 4 (8-Bit)
TIMER 2
(BLE LL TIMER)
FLASH
FIFOCTRL
1 KB SRAM
SRAM
ON-CHIP VOLTAGE
REGULATOR
POWER-ON RESET
BROWN OUT
VDD (2 V–3.6 V)
DCOUPL
RESET_N
XOSC_Q2
XOSC_Q1
P2_4
P1_7
P0_7
P2_3
P1_6
P0_6
P2_2
P1_5
P0_5
P1_2
P0_2
P2_1
P1_4
P0_4
P1_1
P0_1
P2_0
P1_3
P0_3
P1_0
P0_0
MODULATOR
DEMODULATOR
RECEIVE
TRANSMIT
RF_P
RF_N
B0301-13
RADIO REGISTERS
DS
ADC
AUDIO/DC
AES
ENCRYPTION
AND
DECRYPTION
MEMORY
ARBITRATOR
FLASH
UNIFIED
SFR
IRAM
XRAM
PDATA
SLEEP TIMER
32-kHz
RC-OSC
DIGITAL
ANALOG
MIXED
ANALOG COMPARATOR
Link Layer Engine
I C
2
SDA
SCL
RAM
CC2541-Q1
www.ti.com
SWRS128 – JUNE 2014
5
Detailed Description
5.1
Functional Block Diagram
A block diagram of the CC2541-Q1 is shown in Figure 5-1. The modules can be roughly divided into one
of three categories: CPU-related modules; modules related to power, test, and clock distribution; and
radio-related modules. In the following subsections, a short description of each module is given.
Figure 5-1. CC2541-Q1 Block Diagram
5.2
Block Descriptions
A block diagram of the CC2541-Q1 is shown in Figure 5-1. The modules can be roughly divided into one
of three categories: CPU-related modules; modules related to power, test, and clock distribution; and
radio-related modules. In the following subsections, a short description of each module is given.
Copyright © 2014, Texas Instruments Incorporated
Detailed Description
21
Submit Documentation Feedback
Product Folder Links: CC2541-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com