Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2541
Description  CC2541-Q1 SimpleLink™ Bluetooth® Low Energy Wireless MCU for Automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2541 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments CC2541 Datasheet HTML 10Page - Texas Instruments CC2541 Datasheet HTML 11Page - Texas Instruments CC2541 Datasheet HTML 12Page - Texas Instruments CC2541 Datasheet HTML 13Page - Texas Instruments CC2541 Datasheet HTML 14Page - Texas Instruments CC2541 Datasheet HTML 15Page - Texas Instruments CC2541 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
CC2541-Q1
SWRS128 – JUNE 2014
www.ti.com
4.10
32.768-kHz Crystal Oscillator
Measured on Texas Instruments CC2541-Q1 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
Crystal frequency accuracy requirement(1)
–40
40
ppm
ESR
Equivalent series resistance
40
130
k
Ω
C0
Crystal shunt capacitance
0.9
2
pF
CL
Crystal load capacitance
12
16
pF
Start-up time
0.4
s
(1)
Including aging and temperature dependency, as specified by [1]
4.11
32-kHz RC Oscillator
Measured on Texas Instruments CC2541-Q1 EM reference design with TA = 25°C and VDD = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Calibrated frequency(1)
32.753
kHz
Frequency accuracy after calibration
±0.2%
Temperature coefficient(2)
0.4
%/°C
Supply-voltage coefficient(3)
3
%/V
Calibration time(4)
2
ms
(1)
The calibrated 32-kHz RC oscillator frequency is the 32-MHz XTAL frequency divided by 977.
(2)
Frequency drift when temperature changes after calibration
(3)
Frequency drift when supply voltage changes after calibration
(4)
When the 32-kHz RC oscillator is enabled, it is calibrated when a switch from the 16-MHz RC oscillator to the 32-MHz crystal oscillator
is performed while SLEEPCMD.OSC32K_CALDIS is set to 0.
4.12
16-MHz RC Oscillator
Measured on Texas Instruments CC2541-Q1 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency(1)
16
MHz
Uncalibrated frequency accuracy
±18%
Calibrated frequency accuracy
±0.6%
Start-up time
10
μs
Initial calibration time(2)
50
μs
(1)
The calibrated 16-MHz RC oscillator frequency is the 32-MHz XTAL frequency divided by 2.
(2)
When the 16-MHz RC oscillator is enabled, it is calibrated when a switch from the 16-MHz RC oscillator to the 32-MHz crystal oscillator
is performed while SLEEPCMD.OSC_PD is set to 0.
12
Specifications
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2541-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com