Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC2541
Description  CC2541-Q1 SimpleLink™ Bluetooth® Low Energy Wireless MCU for Automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2541 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 9Page - Texas Instruments CC2541 Datasheet HTML 10Page - Texas Instruments CC2541 Datasheet HTML 11Page - Texas Instruments CC2541 Datasheet HTML 12Page - Texas Instruments CC2541 Datasheet HTML 13Page - Texas Instruments CC2541 Datasheet HTML 14Page - Texas Instruments CC2541 Datasheet HTML 15Page - Texas Instruments CC2541 Datasheet HTML 16Page - Texas Instruments CC2541 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
CC2541-Q1
www.ti.com
SWRS128 – JUNE 2014
4.13
RSSI Characteristics
Measured on Texas Instruments CC2541-Q1 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2 Mbps, GFSK, 320-kHz Deviation, 0.1% BER and 2 Mbps, GFSK, 500-kHz Deviation, 0.1% BER
Reduced gain by AGC algorithm
64
Useful RSSI range(1)
dB
High gain by AGC algorithm
64
Reduced gain by AGC algorithm
79
RSSI offset(1)
dBm
High gain by AGC algorithm
99
Absolute uncalibrated accuracy(1)
±6
dB
Step size (LSB value)
1
dB
All Other Rates/Formats
Standard mode
64
Useful RSSI range(1)
dB
High-gain mode
64
Standard mode
98
RSSI offset(1)
dBm
High-gain mode
107
Absolute uncalibrated accuracy(1)
±3
dB
Step size (LSB value)
1
dB
(1)
Assuming CC2541-Q1 EM reference design. Other RF designs give an offset from the reported value.
4.14
Frequency Synthesizer Characteristics
Measured on Texas Instruments CC2541-Q1 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At ±1-MHz offset from carrier
–109
Phase noise, unmodulated carrier
At ±3-MHz offset from carrier
–112
dBc/Hz
At ±5-MHz offset from carrier
–119
4.15
Analog Temperature Sensor
Measured on Texas Instruments CC2541-Q1 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output
1480
12-bit
Temperature coefficient
4.5
/ 1°C
Voltage coefficient
1
0.1 V
Measured using integrated ADC, internal band-gap voltage
reference, and maximum resolution
Initial accuracy without calibration
±10
°C
Accuracy using 1-point calibration
±5
°C
Current consumption when enabled
0.5
mA
4.16
Comparator Characteristics
TA = 25°C, VDD = 3 V. All measurement results are obtained using the CC2541-Q1 reference designs, post-calibration.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Common-mode maximum voltage
VDD
V
Common-mode minimum voltage
–0.3
Input offset voltage
1
mV
Offset vs temperature
16
µV/°C
Offset vs operating voltage
4
mV/V
Supply current
230
nA
Hysteresis
0.15
mV
Copyright © 2014, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: CC2541-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com