Electronic Components Datasheet Search
  English  ▼

X  

ADS5272IPFP Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS5272IPFP
Description  8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5272IPFP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5272IPFP Datasheet HTML 18Page - Texas Instruments ADS5272IPFP Datasheet HTML 19Page - Texas Instruments ADS5272IPFP Datasheet HTML 20Page - Texas Instruments ADS5272IPFP Datasheet HTML 21Page - Texas Instruments ADS5272IPFP Datasheet HTML 22Page - Texas Instruments ADS5272IPFP Datasheet HTML 23Page - Texas Instruments ADS5272IPFP Datasheet HTML 24Page - Texas Instruments ADS5272IPFP Datasheet HTML 25Page - Texas Instruments ADS5272IPFP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
REFERENCE CIRCUIT DESIGN
CLOCKING
REF
T
REF
B
0.1
µF
2.2
µF
> 2
Ω
> 2
Ω
2.2
µF
0.1
µF
ADS5272
ADS5272
SBAS324C – JUNE 2004 – REVISED JANUARY 2009...................................................................................................................................................... www.ti.com
reference voltages. This mode involves forcing REFT
and REFB externally. In this mode, the internal
The digital beam-forming algorithm relies heavily on
reference buffer is tri-stated. Since the switching
gain matching across all receiver channels. A typical
current for the eight ADCs come from the externally
system would have about 12 octal ADCs on the
forced references, it is possible for the performance
board. In such a case, it is critical to ensure that the
to be slightly less than when the internal references
gain is matched, essentially requiring the reference
are used. It should be noted that in this mode, VCM
voltages seen by all the ADCs to be the same.
and ISET continue to be generated from the internal
Matching references within the eight channels of a
bandgap voltage, as in the internal reference mode. It
chip is done by using a single internal reference
is
therefore
important
to
ensure
that
the
voltage buffer. Trimming the reference voltages on
common-mode
voltage
of
the
externally
forced
each chip during production ensures the reference
reference voltages matches to within 50mV of VCM.
voltages are well matched across different chips.
The state of the reference voltages during various
combinations of PD and INT/EXT is shown in
All bias currents required for the internal operation of
Table 1.
the device are set using an external resistor to
ground at pin ISET. Using a 56.2kΩ resistor on ISET
Table 1. State of Reference Voltages for Various
generates an internal reference current of 20
µA. This
Combinations of PD and INT/EXT
current is mirrored internally to generate the bias
current for the internal blocks. Using a larger external
PD
0
0
1
1
resistor at ISET reduces the reference bias current and
INT/EXT
0
1
0
1
thereby scales down the device operating power.
REFT
Tri-State
1.95V
Tri-State
Tri-State
However, it is recommended that the external resistor
REFB
Tri-State
0.95V
Tri-State
Tri-State
be within 10% of the specified value of 56.2k
Ω so
that the internal bias margins for the various blocks
VCM
1.45V
1.45V
Tri-State(1)
Tri-State(1)
are proper.
(1) Weak pull-down (approximately 5k
Ω) to ground.
Buffering the internal bandgap voltage also generates
a voltage called VCM, which is set to the midlevel of
REFT and REFB, and is accessible on a pin. It is
meant as a reference voltage to derive the input
The eight channels on the chip operate from a single
common-mode in case the input is directly coupled. It
ADCLK input. To ensure that the aperture delay and
can
also
be
used
to
derive
the
reference
jitter are same for all the channels, a clock tree
common-mode voltage in the external reference
network is used to generate individual sampling
mode.
clocks to each channel. The clock paths for all the
channels are matched from the source point all the
When using the internal reference mode, a 2
Ω
way to the sample-and-hold amplifier. This ensures
resistor should be added between the reference pins
that the performance and timing for all the channels
(REFT and REFB) and the decoupling capacitor, as
are identical. The use of the clock tree for matching
shown in Figure 36. If the device is used in the
introduces an aperture delay, which is defined as the
external reference mode, this 2
Ω resistor is not
delay between the rising edge of ADCLK and the
required.
actual instant of sampling. The aperture delays for all
the channels are matched to the best possible extent.
However, a mismatch of ±20ps (±3
σ) could exist
between the aperture instants of the eight ADCs
within the same chip. However, the aperture delays of
ADCs across two different chips can be several
hundred
picoseconds
apart.
Another
critical
specification is the aperture jitter that is defined as
the uncertainty of the sampling instant. The gates in
the clock path are designed to provide an rms jitter of
approximately 1ps.
Ideally, the input ADCLK should have a 50% duty
cycle. However, while routing ADCLK to different
components onboard, the duty cycle of the ADCLK
reaching the ADS5272 could deviate from 50%. A
smaller (or larger) duty cycle reduces the time
Figure 36. Internal Reference Mode
available for sample or hold phases of each circuit,
and is therefore not optimal. For this reason, the
The device also supports the use of external
internal PLL is used to generate an internal clock that
22
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com