Electronic Components Datasheet Search
  English  ▼

X  

ADS5521 Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS5521
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5521 Datasheet HTML 12Page - Texas Instruments ADS5521 Datasheet HTML 13Page - Texas Instruments ADS5521 Datasheet HTML 14Page - Texas Instruments ADS5521 Datasheet HTML 15Page - Texas Instruments ADS5521 Datasheet HTML 16Page - Texas Instruments ADS5521 Datasheet HTML 17Page - Texas Instruments ADS5521 Datasheet HTML 18Page - Texas Instruments ADS5521 Datasheet HTML 19Page - Texas Instruments ADS5521 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
www.ti.com
95
90
85
80
75
70
65
DV
DD − Digital Supply Voltage − V
3.0
3.1
3.2
3.3
3.4
3.5
3.6
f
IN = 150MHz
SFDR
SNR
95
90
85
80
75
70
65
DV
DD − Digital Supply Voltage − V
3.0
3.1
3.2
3.3
3.4
3.5
3.6
f
IN = 70MHz
SFDR
SNR
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
Sample Rate
− MSPS
10
20
30
40
50
60
70
80
f
IN = 150MHz
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
Sample Rate
− MSPS
10
20
30
40
50
60
70
80
f
IN = 70MHz
100
95
90
85
80
75
70
65
60
−40
−15
+85
+60
+35
+10
Temperature
− _C
f
IN = 70MHz
SFDR
SNR
100
90
80
70
60
50
40
30
20
10
0
−10
−20
−30
Input Amplitude
− dBFS
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
f
IN = 70MHz
SFDR (dBc)
SNR (dBc)
SNR (dBFS)
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = –1dBFS, sampling rate = 80 MSPS
and 3-V differential clock, unless otherwise noted
AC PERFORMANCE
AC PERFORMANCE
vs DIGITAL SUPPLY VOLTAGE
vs DIGITAL SUPPLY VOLTAGE
Figure 23.
Figure 24.
POWER DISSIPATION
POWER DISSIPATION
vs SAMPLE RATE
vs SAMPLE RATE
Figure 25.
Figure 26.
AC PERFORMANCE
AC PERFORMANCE
vs TEMPERATURE
vs INPUT AMPLITUDE
Figure 27.
Figure 28.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com