Electronic Components Datasheet Search
  English  ▼

X  

ADS5521 Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS5521
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5521 Datasheet HTML 21Page - Texas Instruments ADS5521 Datasheet HTML 22Page - Texas Instruments ADS5521 Datasheet HTML 23Page - Texas Instruments ADS5521 Datasheet HTML 24Page - Texas Instruments ADS5521 Datasheet HTML 25Page - Texas Instruments ADS5521 Datasheet HTML 26Page - Texas Instruments ADS5521 Datasheet HTML 27Page - Texas Instruments ADS5521 Datasheet HTML 28Page - Texas Instruments ADS5521 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
www.ti.com
100
95
90
85
80
75
70
65
60
Clock Duty Cycle
− %
35
40
50
45
55
65
60
SFDR
SNR
f
IN = 20MHz
95
90
85
80
75
70
65
60
Differential Clock Amplitude
− V
0
0.5
1.0
1.5
2.0
2.5
3.0
f
IN = 70MHz
SFDR
SNR
OUTPUT INFORMATION
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
Figure 46. AC Performance vs Clock Duty Cycle
Bandpass filtering of the source can help produce a 50% duty cycle clock and reduce the effect of jitter. When
using a sinusoidal clock, the clock jitter further improves as the amplitude is increased. In that sense, using a
differential clock allows for the use of larger amplitudes without exceeding the supply rails and absolute
maximum ratings of the ADC clock input. Figure 47 shows the performance variation of the device versus input
clock amplitude. For detailed clocking schemes based on transformer or PECL-level clocks, see the
ADS55xxEVM User's Guide (SLWU010), available for download from www.ti.com.
Figure 47. AC Performance vs Clock Amplitude
The ADC provides 14 data outputs (D13 to D0, with D13 being the MSB and D0 the LSB), a data-ready signal
(CLKOUT, pin 43), and an out-of-range indicator (OVR, pin 64) that equals one when the output reaches the
full-scale limits.
Two different output formats (straight offset binary or two's complement) and two different output clock polarities
(latching output data on rising or falling edge of the output clock) can be selected by setting DFS (pin 40) to one
of four different voltages. Table 3 details the four modes. In addition, output enable control (OE, pin 41, active
high) is provided to put the outputs into a high-impedance state.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com