Electronic Components Datasheet Search
  English  ▼

X  

ADS5521 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS5521
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5521 Datasheet HTML 18Page - Texas Instruments ADS5521 Datasheet HTML 19Page - Texas Instruments ADS5521 Datasheet HTML 20Page - Texas Instruments ADS5521 Datasheet HTML 21Page - Texas Instruments ADS5521 Datasheet HTML 22Page - Texas Instruments ADS5521 Datasheet HTML 23Page - Texas Instruments ADS5521 Datasheet HTML 24Page - Texas Instruments ADS5521 Datasheet HTML 25Page - Texas Instruments ADS5521 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
www.ti.com
R
IN
R
IN
C
IN
0.1mF
R
T
0.1mF
1000pF
1:1
R
S
OPA695
R
1
A
V = 8V/V
(18dB)
R
2
V
IN
INP
INM
CM
-
5V
+5V
ADS5542
25 W
25 W
10 W
100 W
100 W
57.5 W
400 W
R
F
R
G
V
OCM
INP
INM
CM
R
F
R
G
R
S
0.1mF
0.1mF
10mF
1mF
R
T
+3.3V
+5V
0.1mF
10mF
-
5V
THS4503
R
IN
R
IN
10 W
ADS5542
14-Bit / 80 MSPS
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
Figure 39 illustrates how RIN and CIN can be placed to isolate the signal source from the switching inputs of the
ADC and to implement a low-pass RC filter to limit the input noise in the ADC. It is recommended that these
components be included in the ADS5542 circuit layout when any of the amplifier circuits discussed previously
are used. The components allow fine-tuning of the circuit performance. Any mismatch between the differential
lines of the ADS5542 input produces a degradation in performance at high input frequencies, mainly
characterized by an increase in the even-order harmonics. In this case, special care should be taken to keep as
much electrical symmetry as possible between both inputs.
Another possible configuration for lower-frequency signals is the use of differential input/output amplifiers that
can simplify the driver circuit for applications requiring dc-coupling of the input. Flexible in their configurations
(see Figure 40), such amplifiers can be used for single-ended-to-differential conversion signal amplification.
Table 4. Recommended Amplifiers to Drive the Input of the ADS5542
INPUT SIGNAL FREQUENCY
RECOMMENDED AMPLIFIER
TYPE OF AMPLIFIER
USE WITH TRANSFORMER?
DC to 20 MHz
THS4503
Differential In/Out Amp
No
DC to 50 MHz
OPA847
Operational Amp
Yes
DC to 100 MHz
THS4509
Differential In/Out Amp
No
OPA695
Operational Amp
Yes
10 MHz to 120 MHz
THS3201
Operational Amp
Yes
THS3202
Operational Amp
Yes
Over 100 MHz
THS9001
RF Gain Block
Yes
Figure 39. Converting a Single-Ended Input Signal to a Differential Signal Using an RF Transformer
Figure 40. Using the THS4503 with the ADS5542
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com