Electronic Components Datasheet Search
  English  ▼

X  

ADS7813 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7813
Description  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7813 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7813 Datasheet HTML 1Page - Texas Instruments ADS7813 Datasheet HTML 2Page - Texas Instruments ADS7813 Datasheet HTML 3Page - Texas Instruments ADS7813 Datasheet HTML 4Page - Texas Instruments ADS7813 Datasheet HTML 5Page - Texas Instruments ADS7813 Datasheet HTML 6Page - Texas Instruments ADS7813 Datasheet HTML 7Page - Texas Instruments ADS7813 Datasheet HTML 8Page - Texas Instruments ADS7813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ADS7813
2
SBAS043C
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, fS = 40kHz, VS = +5V ±5%, using internal reference, unless otherwise specified.
ADS7813P, U
ADS7813PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ABSOLUTE MAXIMUM RATINGS(1)
Analog Inputs: R1IN ......................................................................... ±16.5V
R2IN ................................................ GND – 0.3V to +16.5V
R3IN ......................................................................... ±16.5V
REF ............................................ GND – 0.3V to VS + 0.3V
CAP ............................................... Indefinite Short to GND
Momentary Short to VS
VS ........................................................................................................... 7V
Digital Inputs ...................................................... GND – 0.3V to VS + 0.3V
Maximum Junction Temperature ................................................... +165
°C
Internal Power Dissipation ............................................................. 825mW
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
RESOLUTION
16
✻
Bits
ANALOG INPUT
Voltage Range
See Table I
✻
Impedance
See Table I
✻
Capacitance
35
✻
pF
THROUGHPUT SPEED
Conversion Time
20
✻
µs
Complete Cycle
Acquire and Convert
25
✻
µs
Throughput Rate
40
✻
kHz
DC ACCURACY
Integral Linearity Error
±3
✻
±2
LSB(1)
Differential Linearity Error
+3, –2
✻
+2, –1
LSB
No Missing Codes
15
16
Bits
Transition Noise(2)
0.6
✻
LSB
Full Scale Error(3)
±0.5
±0.25
%
Full Scale Error Drift
±14
✻
ppm/
°C
Full Scale Error(3)
Ext. 2.5000V Ref
±0.5
±0.25
%
Full Scale Error Drift
Ext. 2.5000V Ref
±5
✻
ppm/
°C
Bipolar Zero Error
Bipolar Ranges
±10
✻
mV
Bipolar Zero Error Drift
Bipolar Ranges
±3
✻
ppm/
°C
Unipolar Zero Error
Unipolar Ranges
±6
✻
mV
Unipolar Zero Error Drift
Unipolar Ranges
±3
✻
ppm/
°C
Recovery Time to Rated Accuracy
1.0
µF Capacitor to CAP
300
✻
µs
from Power Down(4)
Power Supply Sensitivity
+4.75V < (VS = +5V) < +5.25
±12
✻
LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 1kHz
90
100
96
102
dB(5)
Total Harmonic Distortion
fIN = 1kHz
–98
–90
–100
–96
dB
Signal-to-(Noise+Distortion)
fIN = 1kHz
85
89
87
✻
dB
Signal-to-Noise
fIN = 1kHz
85
89
87
✻
dB
Useable Bandwidth(6)
130
✻
kHz
Full Power –3dB Bandwidth
600
✻
kHz
MINIMUM
MAXIMUM
SPECIFIED
SIGNAL-TO-
INTEGRAL
NO MISSING
(NOISE +
SPECIFIED
LINEARITY
CODE LEVEL DISTORTION)
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
(LSB)
RATIO (DB)
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS7813P
±3
15
85
Dip-16
N
–40
°C to +85°C ADS7813P
ADS7813P
Tubes, 25
ADS7813PB
±216
87
""
"
ADS7813PB
ADS7813PB
Tubes, 25
ADS7813U
±3
15
85
SO-16
DW
–40
°C to +85°C ADS7813U
ADS7813U
Tubes, 48
"
"
"
"
"
"
"
"
ADS7813U/1K
Tape and Reel, 1000
ADS7813UB
±2
16
87
SO-16
DW
–40
°C to +85°C ADS7813UB
ADS7813UB
Tubes, 48
"
"
"
"
"
"
"
"
ADS7813UB/1K
Tape and Reel, 1000
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI web site at
www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com