Electronic Components Datasheet Search
  English  ▼

X  

ADS7813 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7813
Description  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7813 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7813 Datasheet HTML 3Page - Texas Instruments ADS7813 Datasheet HTML 4Page - Texas Instruments ADS7813 Datasheet HTML 5Page - Texas Instruments ADS7813 Datasheet HTML 6Page - Texas Instruments ADS7813 Datasheet HTML 7Page - Texas Instruments ADS7813 Datasheet HTML 8Page - Texas Instruments ADS7813 Datasheet HTML 9Page - Texas Instruments ADS7813 Datasheet HTML 10Page - Texas Instruments ADS7813 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ADS7813
7
SBAS043C
www.ti.com
BASIC OPERATION
INTERNAL DATACLK
Figure 1a shows a basic circuit to operate the ADS7813 with
a
±10V input range. To begin a conversion and serial
transmission of the results from the previous conversion, a
falling edge must be provided to the CONV input. BUSY
will go LOW indicating that a conversion has started and
will stay LOW until the conversion is complete. During the
conversion, the results of the previous conversion will be
transmitted via DATA while DATACLK provides the syn-
chronous clock for the serial data. The data format is 16-bit,
Binary Two’s Complement, and MSB first. Each data bit is
valid on both the rising and falling edge of DATACLK.
BUSY is LOW during the entire serial transmission and can
be used as a frame synchronization signal.
EXTERNAL DATACLK
Figure 1b shows a basic circuit to operate the ADS7813 with
a
±10V input range. To begin a conversion, a falling edge
must be provided to the CONV input. BUSY will go LOW
indicating that a conversion has started and will stay LOW
until the conversion is complete. Just prior to BUSY rising
near the end of the conversion, the internal working register
holding the conversion result will be transferred to the
internal shift register.
The internal shift register is clocked via the DATACLK
input. The recommended method of reading the conversion
result is to provide the serial clock after the conversion has
completed. See External DATACLK under the Reading
Data section of this data sheet for more information.
1
2
3
4
5
6
7
8
R1
IN
GND
R2
IN
R3
IN
BUF
CAP
REF
GND
V
S
PWRD
BUSY
CS
CONV
EXT/INT
DATA
DATACLK
16
15
14
13
12
11
10
9
ADS7813
±10V
+5V
C
3
1µF
C
4
0.01µF
C
1
0.1µF
C
2
10µF
C
5
1µF
+
+
Convert Pulse
40ns min
+
Frame Sync (optional)
FIGURE 1a. Basic Operation,
±10V Input Range, Internal DATACLK.
FIGURE 1b. Basic Operation,
±10V Input Range, External DATACLK.
1
2
3
4
5
6
7
8
R1
IN
GND
R2
IN
R3
IN
BUF
CAP
REF
GND
V
S
PWRD
BUSY
CS
CONV
EXT/INT
DATA
DATACLK
16
15
14
13
12
11
10
9
ADS7813
±10V
NOTE: (1) Tie CS to GND if the outputs will always be active.
+5V
+5V
C
1
0.1µF
C
2
10µF
C
5
1µF
+
Convert Pulse
40ns min
+
Interrupt (optional)
External Clock
Chip Select (optional(1))
C
3
1µF
C
4
0.01µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com