Electronic Components Datasheet Search
  English  ▼

X  

ADS7813 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS7813
Description  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7813 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS7813 Datasheet HTML 8Page - Texas Instruments ADS7813 Datasheet HTML 9Page - Texas Instruments ADS7813 Datasheet HTML 10Page - Texas Instruments ADS7813 Datasheet HTML 11Page - Texas Instruments ADS7813 Datasheet HTML 12Page - Texas Instruments ADS7813 Datasheet HTML 13Page - Texas Instruments ADS7813 Datasheet HTML 14Page - Texas Instruments ADS7813 Datasheet HTML 15Page - Texas Instruments ADS7813 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
ADS7813
12
SBAS043C
www.ti.com
External DATACLK Active After the Conversion
and During the Next Conversion
Figure 8 shows a method that is a hybrid of the two previous
approaches. This method works very well for microcontrollers
that do serial transfers 8 bits at a time and for slower
microcontrollers. For example, if the fastest serial clock that
the microcontroller can produce is 1
µs, the approach shown
in Figure 6 would result in a diminished throughput (26kHz
maximum conversion rate). The method described in Figure
7 could not be used without risk of affecting the conversion
result (the clock would have to be active after time t2). The
approach in Figure 8 results in an improved throughput rate
(33kHz maximum with a 1
µs clock) and DATACLK is not
active after time t2.
COMPATIBILITY WITH THE ADS7812
The only difference between the ADS7812 and the ADS7813
is in the internal control logic and the digital interface. Since
the ADS7812 is a 12-bit converter, the internal shift register
is 12 bits wide. In addition, only 12-bit decisions are made
during the conversion. Thus, the ADS7812’s conversion
time is approximately 75% of the ADS7813’s.
In the internal DATACLK mode, the ADS7812 produces 12
DATACLK periods during the conversion instead of the
ADS7813’s 16 (see Figure 5). In the external DATACLK
mode, the ADS7812 can accept 16 clock periods on
DATACLK. At the start of the 13th clock cycle, the DATA
output will go LOW and remain LOW. Thus, Figures 6, 7,
8, and the associated times in Table II can also be used for
the ADS7812, but the last four bits of the conversion result
will be zero.
CHIP SELECT (CS)
The CS input allows the digital outputs of the ADS7813 to
be disabled and gates the external DATACLK signal when
EXT/INT is HIGH. See Figure 9 for the enable and disable
time associated with CS and Figure 3 for a block diagram of
the ADS7813’s logic. The digital outputs can be disabled at
any time.
Note that a conversion is initiated on the falling edge of
CONV even if CS is HIGH. If the EXT/INT input is LOW
(internal DATACLK) and CS is HIGH during the entire
conversion, the previous conversion result will be lost (the
serial transmission occurs but DATA and DATACLK are
disabled).
TABLE IV. Complete List of Ideal Input Ranges.
ANALOG
CONNECT
CONNECT
CONNECT
INPUT
INPUT
R1IN
R2IN
R3IN
IMPEDANCE
RANGE (V)
TO
TO
TO
(k
Ω)
COMMENT
0.3125 to 2.8125
VIN
VIN
VIN
> 10,000
Specified offset and gain
–0.417 to 2.916
VIN
VIN
BUF
26.7
VIN cannot go below GND – 0.3V
0.417 to 3.750
VIN
VIN
GND
26.7
Offset and gain not specified
±3.333
VIN
BUF
VIN
21.3
Specified offset and gain
–15 to 5
VIN
BUF
BUF
45.7
Offset and gain not specified
±10
VIN
BUF
GND
45.7
Specified offset and gain
0.833 to 7.5
VIN
GND
VIN
21.3
Offset and gain not specified
–2.5 to 17.5
VIN
GND
BUF
45.7
Exceeds absolute maximum VIN
2.5 to 22.5
VIN
GND
GND
45.7
Exceeds absolute maximum VIN
0 to 2.857
BUF
VIN
VIN
45.7
Offset and gain not specified
–1 to 3
BUF
VIN
BUF
21.3
VIN cannot go below GND – 0.3V
0 to 4
BUF
VIN
GND
21.3
Specified offset and gain
–6.25 to 3.75
BUF
BUF
VIN
26.7
Offset and gain not specified
0 to 10
BUF
GND
VIN
26.7
Specified offset and gain
0.357 to 3.214
GND
VIN
VIN
45.7
Offset and gain not specified
–0.5 to 3.5
GND
VIN
BUF
21.3
VIN cannot go below GND – 0.3V
0.5 to 4.5
GND
VIN
GND
21.3
Specified offset and gain
±5
GND
BUF
VIN
26.7
Specified offset and gain
1.25 to 11.25
GND
GND
VIN
26.7
Offset and gain not specified
Active
HI-Z
HI-Z
BUSY, DATA,
DATACLK(1)
CS
t
27
t
26
NOTE: (1) DATACLK is an output only when EXT/INT is LOW.
FIGURE 9. Enable and Disable Timing for Digital Outputs.
ANALOG INPUT
The ADS7813 offers a number of input ranges. This is
accomplished by connecting the three input resistors to
either the analog input (VIN), to ground (GND), or to the
2.5V reference buffer output (BUF). Table I shows the input
ranges that are typically used in most data acquisition
applications. These ranges are all specified to meet the
specifications given in the Specifications table. Table IV
contains a complete list of ideal input ranges, associated
input connections, and comments regarding the range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com