Electronic Components Datasheet Search
  English  ▼

X  

AFE5808ZCF Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE5808ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5808ZCF Datasheet(HTML) 2 Page - Texas Instruments

  AFE5808ZCF Datasheet HTML 1Page - Texas Instruments AFE5808ZCF Datasheet HTML 2Page - Texas Instruments AFE5808ZCF Datasheet HTML 3Page - Texas Instruments AFE5808ZCF Datasheet HTML 4Page - Texas Instruments AFE5808ZCF Datasheet HTML 5Page - Texas Instruments AFE5808ZCF Datasheet HTML 6Page - Texas Instruments AFE5808ZCF Datasheet HTML 7Page - Texas Instruments AFE5808ZCF Datasheet HTML 8Page - Texas Instruments AFE5808ZCF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
SPI IN
LNA
0 to -40dB
SPI Logic
16X CLK
LNA IN
PGA
24, 30dB
3
rd LP Filter
10, 15, 20,
30 MHz
16 Phases
Generator
CW Mixer
Summing
Amplifier
1X CLK
1X CLK
CW I/Q Vout
AFE5808 (1 of 8 Channels)
14Bit
ADC
LVDS
Reference
Reference
Differential
TGC Vcntl
EXT/INT
REFs
16X8
Crosspoint SW
SPI OUT
VCAT
AFE5808
SLOS688D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION CONTINUED
The AFE5808 also integrates a low power passive mixer and a low noise summing amplifier to accomplish on-
chip CWD beamformer. 16 selectable phase-delays can be applied to each analog input signal. Meanwhile a
unique 3rd and 5th order harmonic suppression filter is implemented to enhance CW sensitivity.
The AFE5808 is available in a 15-mm × 9-mm, 135-pin BGA package and it is specified for operation from 0°C to
85°C. It is also pin-to-pin compatible to the AFE5807, AFE5803, and AFE5808A.
Figure 1. Block Diagram
Table 1. PACKAGING/ORDERING INFORMATION(1)
TRANSPORT MEDIA,
PRODUCT
PACKAGE TYPE
OPERATING
ORDERING NUMBER
QUANTITY
AFE5808
ZCF
0°C to 85°C
AFE5808ZCF
Tray, 160
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: AFE5808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com