Electronic Components Datasheet Search
  English  ▼

X  

AFE5808ZCF Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE5808ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5808ZCF Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE5808ZCF Datasheet HTML 17Page - Texas Instruments AFE5808ZCF Datasheet HTML 18Page - Texas Instruments AFE5808ZCF Datasheet HTML 19Page - Texas Instruments AFE5808ZCF Datasheet HTML 20Page - Texas Instruments AFE5808ZCF Datasheet HTML 21Page - Texas Instruments AFE5808ZCF Datasheet HTML 22Page - Texas Instruments AFE5808ZCF Datasheet HTML 23Page - Texas Instruments AFE5808ZCF Datasheet HTML 24Page - Texas Instruments AFE5808ZCF Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
−10000
−8000
−6000
−4000
−2000
0
2000
4000
6000
8000
10000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Time (µs)
47nF
15nF
−2000
−1600
−1200
−800
−400
0
400
800
1200
1600
2000
1
1.5
2
2.5
3
3.5
4
4.5
5
Time (µs)
47nF
15nF
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
2.0
4.0
6.0
8.0
10.0 12.0 14.0 16.0 18.0 20.0
Time (µs)
−10000.0
−8000.0
−6000.0
−4000.0
−2000.0
0.0
2000.0
4000.0
6000.0
8000.0
10000.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (µs)
Positive overload
Negative overload
Average
AFE5808
www.ti.com
SLOS688D – SEPTEMBER 2010 – REVISED JANUARY 2014
TYPICAL CHARACTERISTICS (continued)
Figure 54. Pulse Inversion Asymmetrical Negative Input
Figure 55. Pulse Inversion, VIN = 2 VPP, PRF = 1 KHz,
Gain = 21 dB
Figure 56. Overload Recovery Response vs INM capacitor,
Figure 57. Overload Recovery Response vs INM
VIN = 50 mVpp/100 µVPP, Max Gain
capacitor(Zoomed), VIN = 50 mVpp/100 µVPP, Max Gain
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AFE5808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com