Electronic Components Datasheet Search
  English  ▼

X  

AFE5808ZCF Datasheet(PDF) 35 Page - Texas Instruments

Part # AFE5808ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5808ZCF Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFE5808ZCF Datasheet HTML 31Page - Texas Instruments AFE5808ZCF Datasheet HTML 32Page - Texas Instruments AFE5808ZCF Datasheet HTML 33Page - Texas Instruments AFE5808ZCF Datasheet HTML 34Page - Texas Instruments AFE5808ZCF Datasheet HTML 35Page - Texas Instruments AFE5808ZCF Datasheet HTML 36Page - Texas Instruments AFE5808ZCF Datasheet HTML 37Page - Texas Instruments AFE5808ZCF Datasheet HTML 38Page - Texas Instruments AFE5808ZCF Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
AFE5808
www.ti.com
SLOS688D – SEPTEMBER 2010 – REVISED JANUARY 2014
NOTE
Table 9 and Table 10 show norminal input impedance values. Due to silicon process
varation, the actual values can vary some.
Table 8. Register 52[4:0] Description
52[4:0]/0x34[4:0]
FUNCTION
00000
No feedback resistor enabled
00001
Enables 450-
Ω feedback resistor
00010
Enables 900-
Ω feedback resistor
00100
Enables 1800-
Ω feedback resistor
01000
Enables 3600-
Ω feedback resistor
10000
Enables 4500-
Ω feedback resistor
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: AFE5808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com