Electronic Components Datasheet Search
  English  ▼

X  

AFE5808ZCF.B Datasheet(PDF) 22 Page - Texas Instruments

Part # AFE5808ZCF.B
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5808ZCF.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE5808ZCF.B Datasheet HTML 18Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 19Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 20Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 21Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 22Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 23Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 24Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 25Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
AFE5808
SLOS688D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
TIMING CHARACTERISTICS
(1)
Typical values are at 25°C, AVDD_5V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, Differential clock, CLOAD = 5
pF, RLOAD = 100 Ω, 14 Bit, sample rate = 65 MSPS, unless otherwise noted. Minimum and maximum values are across the
full temperature range TMIN = 0°C to TMAX = 85°C with AVDD_5V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
The delay in time between the rising edge of the input sampling
ta
Aperture delay
0.7
3
ns
clock and the actual time at which the sampling occurs
Aperture delay
Across channels within the same device
±150
ps
matching
tj
Aperture jitter
450
Fs rms
Input
ADC latency
Default, after reset, or / 0 x 2 [12] = 1, LOW_LATENCY = 1
11/8
clock
cycles
tdelay
Data and frame clock
Input clock rising edge (zero cross) to frame clock rising edge (zero
3
5.4
7
ns
delay
cross) minus 3/7 of the input clock period (T).
Δtdelay
Delay variation
At fixed supply and 20°C T difference. Device to device
–1
1
ns
tRISE
Data rise time
Rise time measured from –100 to 100 mV Fall time measured from
0.14
ns
100 to –100 mV 10 MHz < fCLKIN < 65MHz
tFALL
Data fall time
0.15
tFCLKRISE
Frame clock rise time
Rise time measured from –100 to 100 mV Fall time measured from
0.14
ns
100 to –100 mV 10 MHz < fCLKIN < 65MHz
tFCLKFALL
Frame clock fall time
0.15
Frame clock duty cycle
Zero crossing of the rising edge to zero crossing of the falling edge
48%
50%
52%
tDCLKRISE
Bit clock rise time
Rise time measured from –100 to 100 mV Fall time measured from
0.13
ns
100 to –100 mV 10 MHz < fCLKIN < 65MHz
tDCLKFALL
Bit clock fall time
0.12
Zero crossing of the rising edge to zero crossing of the falling edge
Bit clock duty cycle
46%
54%
10MHz < fCLKIN < 65MHz
(1)
Timing parameters are specified by design and characterization; not production tested.
OUTPUT INTERFACE TIMING
(1) (2) (3)
Setup Time (tsu), ns
Hold Time (th), ns
tPROG = (3/7)x T + tdelay, ns
fCLKIN,
Input Clock Zero-Cross (rising edge)
Input Clock
Data Valid to Bit Clock Zero-
Bit Clock Zero-Crossing to Data
to Frame Clock Zero-Cross (rising
Frequency
Crossing
Invalid
edge)
MHz
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
0.24
0.37
0.24
0.38
11
12
12.5
50
0.41
0.54
0.46
0.57
13
13.9
14.4
40
0.55
0.70
0.61
0.73
15
16
16.7
30
0.87
1.10
0.94
1.1
18.5
19.5
20.1
20
1.30
1.56
1.46
1.6
25.7
26.7
27.3
(1)
FCLK timing is the same as for the output data lines. It has the same relation to DCLK as the data pins. Setup and hold are the same
for the data and the frame clock.
(2)
Data valid is logic HIGH = +100 mV and logic LOW = –100 mV
(3)
Timing parameters are specified by design and characterization; not production tested.
22
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: AFE5808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com