Electronic Components Datasheet Search
  English  ▼

X  

AFE5808ZCF.B Datasheet(PDF) 7 Page - Texas Instruments

Part # AFE5808ZCF.B
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5808ZCF.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE5808ZCF.B Datasheet HTML 3Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 4Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 5Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 6Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 7Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 8Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 9Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 10Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
AFE5808
www.ti.com
SLOS688D – SEPTEMBER 2010 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5V = 5V, AVDD = 3.3V, AVDD_ADC = 1.8V, DVDD = 1.8V, AC-coupled with 0.1 µF at INP and bypassed to ground
with 15nF at INM, No active termination, VCNTL= 0 V, fIN= 5 MHz, LNA = 18 dB, PGA = 24 dB, 14 Bit, sample rate = 65 MSPS,
LPF Filter = 15 MHz, low noise mode, VOUT = –1 dBFS, internal 500-Ω CW feedback resistor, CMOS CW clocks, ADC
configured in internal reference mode, Single-ended VCNTL mode, VCNTLM = GND, at ambient temperature TA = 25°C,
unless otherwise noted. Min and max values are specified across full-temperature range with AVDD_5V = 5 V, AVDD = 3.3
V, AVDD_ADC = 1.8 V, DVDD = 1.8 V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
AC ACCURACY
LPF Bandwidth tolerance
±5%
CH-CH group delay variation
2 to 15 MHz
2
ns
CH-CH Phase variation
15-MHz signal
11
Degree
0 V < VCNTL< 0.1 V (Dev-to-Dev)
±0.5
0.1 V < VCNTL < 1.1 V (Dev-to-Dev)
–0.9
±0.5
0.9
Gain matching
dB
0.1 V < VCNTL < 1.1 V (Dev-to-Dev), Temp = 0°C and 85°C
–1.1
±0.5
1.1
1.1 V < VCNTL < 1.5 V (Dev-to-Dev)
±0.5
Gain matching
Channel-to-Channel
±0.25
dB
Output offset
VCNTL = 0, PGA = 30 dB, LNA = 24 dB
–75
75
LSB
AC PERFORMANCE
Fin = 2 MHz; VOUT = –1 dBFS
–60
Fin = 5 MHz; VOUT = –1 dBFS
–60
Fin = 5 MHz; VIN = 500 mVpp,
HD2
Second-Harmonic Distortion
dBc
–55
VOUT = –1 dBFS, LNA = 18 dB, VCNTL = 0.88 V
Fin = 5 MHz; VIN = 250 mVpp,
–55
VOUT = –1 dBFS, LNA = 24 dB, VCNTL= 0.88 V
Fin = 2 MHz; VOUT = –1 dBFS
–55
Fin = 5 MHz; VOUT = –1 dBFS
–55
Fin = 5 MHz; VIN = 500 mVpp,
HD3
Third-Harmonic Distortion
dBc
–55
VOUT = –1 dBFS, LNA = 18 dB, VCNTL = 0.88 V
Fin = 5 MHz; VIN = 250 mVpp,
–55
VOUT = –1 dBFS, LNA = 24 dB, VCNTL = 0.88 V
Fin = 2 MHz; VOUT = –1 dBFS
–55
THD
Total Harmonic Distortion
dBc
Fin = 5 MHz; VOUT = –1 dBFS
–55
f1 = 5 MHz at –1 dBFS,
IMD3
Intermodulation distortion
–60
dBc
f2 = 5.01 MHz at –27 dBFS
XTALK
Cross-talk
Fin = 5 MHz; VOUT = –1 dBFS
–65
dB
Phase Noise
1 kHz off 5 MHz (VCNTL= 0 V)
–132
dBc/Hz
LNA
Input Referred Voltage Noise
Rs = 0
Ω, f = 2 MHz, Rin = High Z, Gain = 24/18/12 dB
0.63/0.70/0.9
nV/rtHz
High-Pass Filter
–3 dB Cut-off Frequency
50/100/150/200
kHz
LNA linear output
4
Vpp
VCAT+ PGA
VCAT Input Noise
0 dB/–40 dB Attenuation
2/10.5
nV/rtHz
PGA Input Noise
24 dB/30 dB
1.75
nV/rtHz
-3 dB HPF cut-off Frequency
80
KHz
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AFE5808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com