Electronic Components Datasheet Search
  English  ▼

X  

AFE5808ZCF.B Datasheet(PDF) 29 Page - Texas Instruments

Part # AFE5808ZCF.B
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5808ZCF.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button AFE5808ZCF.B Datasheet HTML 25Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 26Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 27Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 28Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 29Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 30Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 31Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 32Page - Texas Instruments AFE5808ZCF.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
( )
( ) (
) (
)
2
k
k
2
y n =
x n
x n 1
y n 1
1
é
ù
-
- +
-
ë
û
+
Digital Offset
Default=No
ADC
Output 12/14b
Final
Digital
Output
12/14b
Digital
Gain
Default=0
Channel
Average
Default=No
Digital HPF
Default = No
AFE5808
www.ti.com
SLOS688D – SEPTEMBER 2010 – REVISED JANUARY 2014
AFE5808 ADC Register/Digital Processing Description
The ADC in the AFE5808 has extensive digital processing functionalities which can be used to enhance
ultrasound system performance. The digital processing blocks are arranged as in Figure 62.
Figure 62. ADC Digital Block Diagram
AVERAGING_ENABLE: Address: 2[11]
When set to 1, two samples, corresponding to two consecutive channels, are averaged (channel 1 with 2, 3 with
4, 5 with 6, and 7 with 8). If both channels receive the same input, the net effect is an improvement in SNR. The
averaging is performed as:
•
Channel 1 + channel 2 comes out on channel 3
•
Channel 3 + channel 4 comes out on channel 4
•
Channel 5 + channel 6 comes out on channel 5
•
Channel 7 + channel 8 comes out on channel 6
ADC_OUTPUT_FORMAT: Address: 4[3]
The ADC output, by default, is in 2’s-complement mode. Programming the ADC_OUTPUT_FORMAT bit to 1
inverts the MSB, and the output becomes straight-offset binary mode.
DIGITAL_GAIN_ENABLE: Address: 3[12]
Setting this bit to 1 applies to each channel i the corresponding gain given by DIGTAL_GAIN_CHi <15:11>. The
gain is given as 0dB + 0.2dB × DIGTAL_GAIN_CHi<15:11>. For instance, if DIGTAL_GAIN_CH5<15:11> = 3,
channel 5 is increased by 0.6dB gain. DIGTAL_GAIN_CHi <15:11> = 31 produces the same effect as
DIGTAL_GAIN_CHi <15:11> = 30, setting the gain of channel i to 6dB.
DIGITAL_HPF_ENABLE
•
CH1-4: Address 21[0]
•
CH5-8: Address 33[0]
DIGITAL_HPF_FILTER_K_CHX
•
CH1-4: Address 21[4:1]
•
CH5-8: Address 3[4:1]
This group of registers controls the characteristics of a digital high-pass transfer function applied to the output
data, following Equation 1.
(1)
These digital HPF registers (one for the first four channels and one for the second group of four channels)
describe the setting of K. The digital high pass filter can be used to suppress low frequency noise which
commonly exists in ultrasound echo signals. The digital filter can significantly benefit near field recovery time due
to T/R switch low frequency response. Table 6 shows the cut-off frequency vs K.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: AFE5808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com