Electronic Components Datasheet Search
  English  ▼

X  

AMC1336DWVR Datasheet(PDF) 2 Page - Texas Instruments

Part # AMC1336DWVR
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1336DWVR Datasheet(HTML) 2 Page - Texas Instruments

  AMC1336DWVR Datasheet HTML 1Page - Texas Instruments AMC1336DWVR Datasheet HTML 2Page - Texas Instruments AMC1336DWVR Datasheet HTML 3Page - Texas Instruments AMC1336DWVR Datasheet HTML 4Page - Texas Instruments AMC1336DWVR Datasheet HTML 5Page - Texas Instruments AMC1336DWVR Datasheet HTML 6Page - Texas Instruments AMC1336DWVR Datasheet HTML 7Page - Texas Instruments AMC1336DWVR Datasheet HTML 8Page - Texas Instruments AMC1336DWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
AMC1336
SBAS951B – AUGUST 2019 – REVISED APRIL 2020
www.ti.com
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Power Ratings........................................................... 5
6.6
Insulation Specifications............................................ 6
6.7
Safety-Related Certifications..................................... 7
6.8
Safety Limiting Values .............................................. 7
6.9
Electrical Characteristics........................................... 7
6.10
Switching Characteristics ........................................ 9
6.11
Insulation Characteristics Curves ......................... 10
6.12
Typical Characteristics .......................................... 11
7
Detailed Description ............................................ 17
7.1
Overview ................................................................. 17
7.2
Functional Block Diagram ....................................... 17
7.3
Feature Description................................................. 17
7.4
Device Functional Modes........................................ 23
8
Application and Implementation ........................ 24
8.1
Application Information............................................ 24
8.2
Typical Application .................................................. 25
9
Power Supply Recommendations ...................... 29
10
Layout................................................................... 30
10.1
Layout Guidelines ................................................. 30
10.2
Layout Example .................................................... 30
11
Device and Documentation Support ................. 31
11.1
Device Support...................................................... 31
11.2
Documentation Support ........................................ 31
11.3
Receiving Notification of Documentation Updates 31
11.4
Community Resources.......................................... 31
11.5
Trademarks ........................................................... 31
11.6
Electrostatic Discharge Caution ............................ 31
11.7
Glossary ................................................................ 31
12
Mechanical, Packaging, and Orderable
Information ........................................................... 32
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (December 2019) to Revision B
Page
•
Changed PD (AVDD = DVDD = 5.5 V) from 88 mW to 90.75 mW. ........................................................................................ 5
•
Changed PD1 (AVDD = 5.5 V) from 55 mW to 57.75 mW ...................................................................................................... 5
•
Added UL certification file number.......................................................................................................................................... 7
Changes from Original (August 2019) to Revision A
Page
•
Changed document status from advance information to production data.............................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com