Electronic Components Datasheet Search
  English  ▼

X  

AMC1336DWVR Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC1336DWVR
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1336DWVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1336DWVR Datasheet HTML 9Page - Texas Instruments AMC1336DWVR Datasheet HTML 10Page - Texas Instruments AMC1336DWVR Datasheet HTML 11Page - Texas Instruments AMC1336DWVR Datasheet HTML 12Page - Texas Instruments AMC1336DWVR Datasheet HTML 13Page - Texas Instruments AMC1336DWVR Datasheet HTML 14Page - Texas Instruments AMC1336DWVR Datasheet HTML 15Page - Texas Instruments AMC1336DWVR Datasheet HTML 16Page - Texas Instruments AMC1336DWVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
fIN (kHz)
0.01
0.1
1
10
100
73
75
77
79
81
83
85
87
89
91
D017
SNR
SINAD
VIN (Vpp)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
50
55
60
65
70
75
80
85
90
95
100
D018
SNR
SINAD
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
77
79
81
83
85
87
89
91
D015
SNR
SINAD
fCLKIN (MHz)
5
7
9
11
13
15
17
19
21
77
79
81
83
85
87
89
91
D016
SNR
SINAD
fRIPPLE (kHz)
0.01
0.1
1
10
100
1000
-160
-140
-120
-100
-80
-60
-40
-20
0
D010
AVDD (V)
3
3.5
4
4.5
5
5.5
77
79
81
83
85
87
89
91
D014
SNR
SINAD
13
AMC1336
www.ti.com
SBAS951B – AUGUST 2019 – REVISED APRIL 2020
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at AVDD = 5 V, DVDD = 3.3 V, AINP = –1 V to 1 V, AINN = AGND, fCLKIN = 20 MHz, and sinc
3 filter with OSR = 256 (unless
otherwise noted)
Figure 18. Power-Supply Rejection Ratio vs
Ripple Frequency
Figure 19. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs High-Side Supply Voltage
Figure 20. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs Temperature
fCLKIN < 9 MHz with AVDD ≥ 4.5 V only
Figure 21. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs Clock Frequency
Figure 22. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs Input Signal Frequency
Figure 23. Signal-to-Noise Ratio and Signal-to-Noise +
Distortion vs Input Signal Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com